Electronic Components Datasheet Search
  English  ▼

X  

3005 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 3005
Description  N-Channel Enhancement Mode Power MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

3005 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  3005 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 3005 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH 3005 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Elektronische Bauelemente
SDT3005
5A, 30V, RDS(ON) 42 mΩ
Ω
Ω
Ω
N-Channel Enhancement Mode Power MOSFET
01-Jul-2016 Rev. A
Page 1 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
DESCRIPTION
SDT3005 provides designers with the best
combination of fast switching, ruggedized device
design, low on-resistance and cost-effectiveness.
DFN2*2-6J package is universally preferred for
all commercial-industrial surface mount applications
and suited for low voltage applications such as
DC/DC converters.
FEATURES
TrenchFET power MOSFET
Low RDS(on)
Typical ESD protection
APPICTIONS
Load switch and battery protection
MARKING
PACKAGE INFORMATION
Package
MPQ
Leader Size
DFN2*2-6J
3K
7 inch
ABSOLUTE MAXIMUM RATINGS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
±10
V
Continuous Drain Current
ID
5
A
Pulsed Drain Current
1
IDM
20
A
Thermal Resistance from Junction to Ambient
RθJA
250
°C / W
Operating Junction and Storage Temperature
TJ, TSTG
150, -55~150
°C
DFN2*2-6J
3005
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.924
2.076
H
0.20
-
B
1.924
2.076
I
0.85
1.05
C
0.46
0.66
J
0.70
0.90
D
0.65 TYP.
K
0.20
0.40
E
0.20
0.40
L
0.203REF
F
0.80
1.00
M
0.00
0.05
G
0.174
0.326


Similar Part No. - 3005

ManufacturerPart #DatasheetDescription
logo
GHz Technology
3005 GHZTECH-3005 Datasheet
337Kb / 3P
5 Watts - 28 Volts, Class C Microwave 3000 MHz
logo
NXP Semiconductors
3005 NXP-3005 Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
logo
Bourns Electronic Solut...
3005 BOURNS-3005 Datasheet
130Kb / 1P
3/4 Rectangular Trimpot Trimming Potentiometer
logo
Heyco.
3005 HEYCO-3005 Datasheet
135Kb / 1P
Large Dome Plugs
logo
Christian Bürkert GmbH ...
3005 BURKERT-3005 Datasheet
1Mb / 9P
Electrical Rotary Actuator - On/Off and control
18.01.2022
More results

Similar Description - 3005

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com