Electronic Components Datasheet Search
  English  ▼

X  

3005 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # 3005
Description  N-Channel Enhancement Mode Power MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

3005 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  3005 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 3005 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH 3005 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Elektronische Bauelemente
SDT3005
5A, 30V, RDS(ON) 42 mΩ
Ω
Ω
Ω
N-Channel Enhancement Mode Power MOSFET
01-Jul-2016 Rev. A
Page 2 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (T
J=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Static
Drain-Source Breakdown Voltage
BVDSS
30
-
-
V
VGS=0, ID=250µA
Gate-Source Leakage Current
IGSS
-
-
±10
µA
VGS= ±10V, VDS=0
Drain-Source Leakage Current
IDSS
-
-
1
µA
VDS=30V, VGS=0
Gate-Threshold Voltage
2
VGS(th)
0.6
-
1
V
VDS=VGS, ID=250µA
Forward Transconductance
2
gfs
-
15
-
S
VDS=5V, ID=4A
Diode Forward Voltage
2
VSD
-
-
1
V
IS=1A, VGS=0
-
-
42
VDS=10V, ID=5A
-
-
44
VDS=4.5V, ID=5A
Static Drain-Source On-Resistance
2
RDS(ON)
-
-
50
m
VGS=2.5V, ID=4A
Dynamic Characteristics
Input Capacitance
Ciss
-
245
-
Output Capacitance
Coss
-
35
-
Reverse Transfer Capacitance
Crss
-
20
-
pF
VDS=15V
VGS=0V
f=1MHz
Switching Characteristics
Total Gate Charge
Qg
-
10
-
Gate-Source Charge
Qgs
-
0.5
-
Gate-Drain Charge
Qgd
-
1
-
nC
ID=4A
VDS=15V
VGS=10V
Turn-On Delay Time
Td(on)
-
2
-
Rise Time
Tr
-
3.5
-
Turn-Off Delay Time
Td(off)
-
22
-
Fall Time
Tf
-
3.5
-
nS
VDD=15V
VGS=10V
RL= 3.75
RGEN=3
Notes:
1.
Repetitive rating:Pulse width limited by junction temperature.
2.
Pulse Test: Pulse With≦300µs, duty cycle≦2%.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com