Electronic Components Datasheet Search
  English  ▼

X  

SMA6J Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SMA6J
Description  5V ~ 85V, 600W Peak Power Surface Mount TVS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMA6J Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SMA6J Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMA6J Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMA6J Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SMA6J Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SMA6J SERIES
5V ~ 85V, 600W
Peak Power Surface Mount TVS
Elektronische Bauelemente
28-Jun-2016 Rev. A
Page 2 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (Rating T
A=25°C unless otherwise specified)
Part Number
Marking Code
Breakdown
Voltage VBR @ IT
Maximum
Reverse
Leakage
IR@ VRWM
Working
Peak
Reverse
Voltage
Maximum
Reverse
Surge
Current
Maximum
Clamping
Voltage
VC @IPP
Directional
Directional
Min
Max
IT
IR
VRWM
IPP
VC
Uni
Bi
Uni
Bi
V
V
mA
µA
V
A
V
SMA6J5.0A
A6J5.0A
6.40
7.00
10
800
5.0
65.22
9.2
SMA6J6.0A
SMA6J6.0CA
A6J6.0A
A6J6.0CA
6.67
7.37
10
800
6.0
58.25
10.3
SMA6J6.5A
SMA6J6.5CA
A6J6.5A
A6J6.5CA
7.22
7.98
10
500
6.5
53.57
11.2
SMA6J7.0A
SMA6J7.0CA
A6J7.0A
A6J7.0CA
7.78
8.60
10
200
7.0
50.00
12.0
SMA6J7.5A
SMA6J7.5CA
A6J7.5A
A6J7.5CA
8.33
9.21
1
100
7.5
46.51
12.9
SMA6J8.0A
SMA6J8.0CA
A6J8.0A
A6J8.0CA
8.89
9.83
1
50
8.0
44.12
13.6
SMA6J8.5A
SMA6J8.5CA
A6J8.5A
A6J8.5CA
9.44
10.4
1
10
8.5
41.67
14.4
SMA6J9.0A
SMA6J9.0CA
A6J9.0A
A6J9.0CA
10.0
11.1
1
5
9.0
38.96
15.4
SMA6J10A
SMA6J10CA
A6J10A
A6J10CA
11.1
12.3
1
1
10
35.29
17.0
SMA6J11A
SMA6J11CA
A6J11A
A6J11CA
12.2
13.5
1
1
11
32.97
18.2
SMA6J12A
SMA6J12CA
A6J12A
A6J12CA
13.3
14.7
1
1
12
30.15
19.9
SMA6J13A
SMA6J13CA
A6J13A
A6J13CA
14.4
15.9
1
1
13
27.91
21.5
SMA6J14A
SMA6J14CA
A6J14A
A6J14CA
15.6
17.2
1
1
14
25.86
23.2
SMA6J15A
SMA6J15CA
A6J15A
A6J15CA
16.7
18.5
1
1
15
24.59
24.4
SMA6J16A
SMA6J16CA
A6J16A
A6J16CA
17.8
19.7
1
1
16
23.08
26.0
SMA6J17A
SMA6J17CA
A6J17A
A6J17CA
18.9
20.9
1
1
17
21.74
27.6
SMA6J18A
SMA6J18CA
A6J18A
A6J18CA
20.0
22.1
1
1
18
20.55
29.2
SMA6J19A
SMA6J19CA
A6J19A
A6J19CA
21.1
23.3
1
1
19
19.49
30.8
SMA6J20A
SMA6J20CA
A6J20A
A6J20CA
22.2
24.5
1
1
20
18.52
32.4
SMA6J22A
SMA6J22CA
A6J22A
A6J22CA
24.4
26.9
1
1
22
16.90
35.5
SMA6J24A
SMA6J24CA
A6J24A
A6J24CA
26.7
29.5
1
1
24
15.42
38.9
SMA6J26A
SMA6J26CA
A6J26A
A6J26CA
28.9
31.9
1
1
26
14.25
42.1
SMA6J28A
SMA6J28CA
A6J28A
A6J28CA
31.1
34.4
1
1
28
13.22
45.4
SMA6J30A
SMA6J30CA
A6J30A
A6J30CA
33.3
36.8
1
1
30
12.40
48.4
SMA6J33A
SMA6J33CA
A6J33A
A6J33CA
36.7
40.6
1
1
33
11.26
53.3
SMA6J36A
SMA6J36CA
A6J36A
A6J36CA
40.0
44.2
1
1
36
10.33
58.1
SMA6J40A
SMA6J40CA
A6J40A
A6J40CA
44.4
49.1
1
1
40
9.30
64.5
SMA6J43A
A6J43A
47.8
52.8
1
1
43
8.65
69.4
SMA6J45A
A6J45A
50.0
55.3
1
1
45
8.25
72.7
SMA6J48A
A6J48A
53.3
58.9
1
1
48
7.75
77.4
SMA6J51A
A6J51A
56.7
62.7
1
1
51
7.28
82.4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com