Electronic Components Datasheet Search
  English  ▼

X  

SMA6J Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # SMA6J
Description  5V ~ 85V, 600W Peak Power Surface Mount TVS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMA6J Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  SMA6J Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMA6J Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMA6J Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SMA6J Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SMA6J SERIES
5V ~ 85V, 600W
Peak Power Surface Mount TVS
Elektronische Bauelemente
28-Jun-2016 Rev. A
Page 3 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (Rating T
A=25°C unless otherwise specified)
Part Number
Marking Code
Breakdown
Voltage VBR @ IT
Maximum
Reverse
Leakage
IR@ VRWM
Working
Peak
Reverse
Voltage
Maximum
Reverse
Surge
Current
Maximum
Clamping
Voltage
VC @IPP
Directional
Directional
Min
Max
IT
IPP
VC
IPP
VC
Uni
Bi
Uni
Bi
V
V
mA
µA
V
A
V
SMA6J54A
A6J54A
60.0
66.3
1
1
54
6.89
87.1
SMA6J58A
A6J58A
64.4
71.2
1
1
58
6.41
93.6
SMA6J60A
A6J60A
66.7
73.7
1
1
60
6.20
96.8
SMA6J64A
A6J64A
71.1
78.6
1
1
64
5.83
103.0
SMA6J70A
A6J70A
77.8
86.0
1
1
70
5.31
113.0
SMA6J75A
A6J75A
83.3
92.1
1
1
75
4.96
121.0
SMA6J78A
A6J78A
86.7
95.8
1
1
78
4.76
126.0
SMA6J80A
A6J80A
88.8
97.6
1
1
80
4.63
129.6
SMA6J85A
A6J85A
94.4
104
1
1
85
4.38
137.0
Notes:
1.
Suffix ’A’ denotes 5% tolerance device.
2.
For Bidirectional devices, CA suffix is added.
3.
For Bidirectional devices having 10 volts and under VR, the IR limit is double.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com