Electronic Components Datasheet Search
  English  ▼

X  

Z85233 Datasheet(PDF) 69 Page - Zilog, Inc.

Part # Z85233
Description  The Zilog SCC Serial Communication Controller
PDF  317 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z85233 Datasheet(HTML) 69 Page - Zilog, Inc.

Back Button Z85233 Datasheet HTML 65Page - Zilog, Inc. Z85233 Datasheet HTML 66Page - Zilog, Inc. Z85233 Datasheet HTML 67Page - Zilog, Inc. Z85233 Datasheet HTML 68Page - Zilog, Inc. Z85233 Datasheet HTML 69Page - Zilog, Inc. Z85233 Datasheet HTML 70Page - Zilog, Inc. Z85233 Datasheet HTML 71Page - Zilog, Inc. Z85233 Datasheet HTML 72Page - Zilog, Inc. Z85233 Datasheet HTML 73Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 317 page
background image
SCC™/ESCC™ User’s Manual
SCC/ESCC Ancillary Support Circuitry
3-8
3.4 DPLL DIGITAL PHASE-LOCKED LOOP (Continued)
3.4.1 DPLL Operation in the NRZI Mode
To operate in NRZI mode, the DPLL must be supplied with
a clock that is 32 times the data rate. The DPLL uses this
clock, along with the receive data, to construct receive and
transmit clock outputs that are phased to properly receive
and transmit data.
To do this, the DPLL divides each bit cell into four regions,
and makes an adjustment to the count cycle of the 5-bit
counter dependent upon the region a transition on the re-
ceive data input occurred (Figure 3-6).
Ordinarily, a bit-cell boundary occurs between count 15
and count 16, and the DPLL output causes the data to be
sampled in the middle of the bit cell. However, four differ-
ent situations can occur:
If the bit-cell boundary (from space to mark) occurs any-
where during the second half of count 15 or the first half of
count 16, the DPLL allows the transition without making a
correction to its count cycle.
If the bit cell boundary (from space to mark) occurs be-
tween the middle of count 16 and count 31, the DPLL is
sampling the data too early in the bit cell. In response to
this, the DPLL extends its count by one during the next 0
to 31 counting cycle, which effectively moves the edge of
the clock that samples the receive data closer to the center
of the bit cell.
If the transition occurs between count 0 and the middle of
count 15, the output of the DPLL is sampling the data too
late in the bit cell. To correct this, the DPLL shortens its
count by one during the next 0 to 31 counting cycle, which
effectively moves the edge of the clock that samples the
receive data closer to the center of the bit cell.
If the DPLL does not see any transition during a counting cy-
cle, no adjustment is made in the following counting cycle.
If an adjustment to the counting cycle is necessary, the
DPLL modifies count 5, either deleting it or doubling it.
Thus, only the Low time of the DPLL output is lengthened
or shortened.
While the DPLL is in search mode, the counter remains at
count 16, where the DPLL outputs are both High. The
missing clock latches in the DPLL, which may be accessed
in RR10, are not used in NRZI mode. An example of the
DPLL in operation is shown in Figure 3-7.
Figure 3-6. DPLL in NRZI Mode
1
18 19 20
17
16
21 22 23 24 25 26 27 28 29 30 31
2345
789
12 13 14
11
10
15
0
No Change
No Change
Bit Cell
Count
Correction
DPLL Out
Add One Count
Subtract One Count
6
UM010901-0601



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com