Electronic Components Datasheet Search
  English  ▼

X  

42484A Datasheet(PDF) 1 Page - NEC

Part # 42484A
Description  NONLINEAR MODEL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

42484A Datasheet(HTML) 1 Page - NEC

  42484A Datasheet HTML 1Page - NEC 42484A Datasheet HTML 2Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Parameter
Units
capacitance
picofarads
inductance
nanohenries
resistance
ohms
Parameters
Q1
Parameters
Q1
VTO
-0.75
RG
2.5
VTOSC
0
RD
2.5
ALPHA
7
RS
4.1
BETA
0.21
RGMET
0
GAMMA
0.09
KF
0
GAMMADC(2)
0.08
AF
1
Q
2.1
TNOM
27
DELTA
1.2
XTI
3
VBI
1
EG
1.43
IS
1e-14
VTOTC
0
N
1
BETATCE
0
RIS
0
FFE
1
RID
0
TAU
7e-12
CDS
0.15e-12
RDB
900
CBS
1.1e-10
CGSO(3)
0.25e-12
CGDO(4)
0.04e-12
DELTA1
0.3
DELTA2
0
FC
0.5
VBR
Infinity
NONLINEAR MODEL
California Eastern Laboratories
NE42484A
SCHEMATIC
FET NONLINEAR MODEL PARAMETERS (1)
UNITS
MODEL RANGE
Frequency:
0.1 to 16 GHz
Bias:
VDS = 1 V to 3.5 V, ID = 10 mA to 40 mA
Date:
11/15/96
(see Page 2)
(1) Series IV Libra TOM Model
The parameter in Libra corresponds to the parameter in PSpice:
(2) GAMMADC
GAMMA
(3) CGSO
CGS
(4) CGDO
CGD


Similar Part No. - 42484A

ManufacturerPart #DatasheetDescription
logo
Wiha Tools
42484 WIHA-42484 Datasheet
53Kb / 1P
Fine screwdriver PicoFinish
More results

Similar Description - 42484A

ManufacturerPart #DatasheetDescription
logo
NEC
NESG2030M04 NEC-NESG2030M04 Datasheet
13Kb / 1P
NONLINEAR MODEL
NE68135 NEC-NE68135 Datasheet
26Kb / 1P
NONLINEAR MODEL
NE68800 NEC-NE68800 Datasheet
28Kb / 1P
NONLINEAR MODEL
logo
California Eastern Labs
NE85633 CEL-NE85633 Datasheet
30Kb / 1P
NONLINEAR MODEL
NE85619 CEL-NE85619 Datasheet
30Kb / 1P
NONLINEAR MODEL
NE68130 CEL-NE68130 Datasheet
30Kb / 1P
NONLINEAR MODEL
NE68119 CEL-NE68119 Datasheet
46Kb / 1P
NONLINEAR MODEL
NE68030 CEL-NE68030 Datasheet
30Kb / 1P
NONLINEAR MODEL
NE68019 CEL-NE68019 Datasheet
70Kb / 1P
NONLINEAR MODEL
UPA801T_V1 CEL-UPA801T_V1 Datasheet
19Kb / 2P
NONLINEAR MODEL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com