Electronic Components Datasheet Search
  English  ▼

X  

42484A Datasheet(PDF) 2 Page - NEC

Part # 42484A
Description  NONLINEAR MODEL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

42484A Datasheet(HTML) 2 Page - NEC

  42484A Datasheet HTML 1Page - NEC 42484A Datasheet HTML 2Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MODEL RANGE
Frequency:
0.1 to 16 GHz
Bias:
VDS = 1 V to 3.5 V, ID = 10 mA to 40 mA
Date:
11/15/96
SCHEMATIC
EXCLUSIVE NORTH AMERICAN AGENT FOR
RF, MICROWAVE & OPTOELECTRONIC SEMICONDUCTORS
CALIFORNIA EASTERN LABORATORIES • Headquarters • 4590 Patrick Henry Drive • Santa Clara, CA 95054-1817 • (408) 988-3500 • Telex 34-6393 • FAX (408) 988-0279
24-Hour Fax-On-Demand: 800-390-3232 (U.S. and Canada only) • Internet: http://WWW.CEL.COM
PRINTED IN USA ON RECYCLED PAPER -2/97
DATA SUBJECT TO CHANGE WITHOUT NOTICE
NONLINEAR MODEL NE42484A
CGD_PKG
0.001pF
DRAIN
RD_PKG
LD_PKG
LS_PKG
0.1nH
RS_PKG
0.2 ohms
CSD_PKG
CCD_PKG
0.1pF
CCG_PKG
0.14pF
CSG_PKG
0.01pF
0.01pF
SOURCE
0.2 ohms
0.3nH
0.03nH
LD
42400
LG
LG_PKG
RG_PKG
GATE
0.5 ohms
0.28nH
0.29nH



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com