Electronic Components Datasheet Search
  English  ▼

X  

Z53C80SCSI Datasheet(PDF) 27 Page - Zilog, Inc.

Part # Z53C80SCSI
Description  SMALL COMPUTER SYSTEM INTERFACE (SCSI)
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z53C80SCSI Datasheet(HTML) 27 Page - Zilog, Inc.

Back Button Z53C80SCSI Datasheet HTML 23Page - Zilog, Inc. Z53C80SCSI Datasheet HTML 24Page - Zilog, Inc. Z53C80SCSI Datasheet HTML 25Page - Zilog, Inc. Z53C80SCSI Datasheet HTML 26Page - Zilog, Inc. Z53C80SCSI Datasheet HTML 27Page - Zilog, Inc. Z53C80SCSI Datasheet HTML 28Page - Zilog, Inc. Z53C80SCSI Datasheet HTML 29Page - Zilog, Inc. Z53C80SCSI Datasheet HTML 30Page - Zilog, Inc. Z53C80SCSI Datasheet HTML 31Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
27
Z53C80 SCSI
ZILOG
PS97SCC0200
AC CHARACTERISTICS
DMA Write Initiator Send Cycle Table
No
Description
Min
Max
Units
1
DRQ Low from /DACK Low
60
ns
2
/DACK High to DRQ High
30
ns
3
Write Enable Width [1]
50
ns
4
/DACK Hold from End of /WR
0
ns
5
Data Setup to End of Write Enable [1]
50
ns
6
Data Hold Time from End of /WR
25
ns
7
Width of /EOP Pulse [2]
50
ns
8
/REQ Low to /ACK Low
90
ns
9
/REQ High to DRQ High
70
ns
10
/DACK High to /ACK High
90
ns
11
/WR High to Valid SCSI Data
50
ns
12
Data Hold from Write Enable [1]
15
ns
13
Data Setup to /ACK Low
55
ns
Notes:
[1]
Write Enable is the occurrence of /WR and /DACK.
[2]
/EOP, /WR, and /DACK must be concurrently Low for at least T7 for
proper recognition of the /EOP pulse.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com