Electronic Components Datasheet Search
  English  ▼

X  

Z53C80SCSI Datasheet(PDF) 3 Page - Zilog, Inc.

Part # Z53C80SCSI
Description  SMALL COMPUTER SYSTEM INTERFACE (SCSI)
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z53C80SCSI Datasheet(HTML) 3 Page - Zilog, Inc.

  Z53C80SCSI Datasheet HTML 1Page - Zilog, Inc. Z53C80SCSI Datasheet HTML 2Page - Zilog, Inc. Z53C80SCSI Datasheet HTML 3Page - Zilog, Inc. Z53C80SCSI Datasheet HTML 4Page - Zilog, Inc. Z53C80SCSI Datasheet HTML 5Page - Zilog, Inc. Z53C80SCSI Datasheet HTML 6Page - Zilog, Inc. Z53C80SCSI Datasheet HTML 7Page - Zilog, Inc. Z53C80SCSI Datasheet HTML 8Page - Zilog, Inc. Z53C80SCSI Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
3
Z53C80 SCSI
ZILOG
PS97SCC0200
48 mA SCSI Transceivers
Interface
Control
Logic
Data
Input
Register
Data
Output
Register
DMA
Logic
Interrupt
Logic
Control
Registers
CPU BUS
Interface
/IOR
/IOW
/CS
/RESET
A2-A0
D7-D0
/DB7-/DB0,
/DBP
/ACK
/ATN
/BSY
/MSG
I//O
C//D
/REQ
/RST
/SEL
Figure 2a. SCSI Block Diagram
D7-D0
A2-A0
/IOR
/IOW
/CS
/RESET
/DACK
/EOP
DRQ
READY
IRQ
GND
/DB7-/DB0, /DBP
/ACK
/ATN
/BSY
/MSG
I//O
C//D
/REQ
/RST
/SEL
VCC
Z53C80
SCSI
Figure 2b. SCSI Pin Functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com