Electronic Components Datasheet Search
  English  ▼

X  

72021 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 72021
Description  Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

72021 Datasheet(HTML) 2 Page - Vishay Siliconix

  72021 Datasheet HTML 1Page - Vishay Siliconix 72021 Datasheet HTML 2Page - Vishay Siliconix 72021 Datasheet HTML 3Page - Vishay Siliconix 72021 Datasheet HTML 4Page - Vishay Siliconix 72021 Datasheet HTML 5Page - Vishay Siliconix 72021 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Si4830ADY
Vishay Siliconix
www.vishay.com
2
Document Number: 72021
S-32621—Rev. D, 29-Dec-03
MOSFET SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED).
Parameter
Symbol
Test Condition
Min
Typa
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 mA
0.8
3.0
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "20 V
"100
nA
VDS = 30 V VGS = 0 V
Ch-1
1
Zero Gate Voltage Drain Current
IDSS
VDS = 30 V, VGS = 0 V
Ch-2
100
mA
Zero Gate Voltage Drain Current
IDSS
VDS = 30 V VGS = 0 V TJ = 85_C
Ch-1
15
mA
VDS = 30 V, VGS = 0 V, TJ = 85_C
Ch-2
2000
On-State Drain Currentb
ID(on)
VDS = 5 V, VGS = 10 V
20
A
Drain Source On State Resistanceb
rDS( )
VGS = 10 V, ID = 7.5 A
0.017
0.022
W
Drain-Source On-State Resistanceb
rDS(on)
VGS = 4.5 V, ID = 6.5 A
0.024
0.030
W
Forward Transconductanceb
gfs
VDS = 15 V, ID = 7.5 A
19
S
Diode Forward Voltageb
VSD
IS = 1 A VGS = 0 V
Ch-1
0.75
1.2
V
Diode Forward Voltageb
VSD
IS = 1 A, VGS = 0 V
Ch-2
0.47
0.5
V
Dynamica
Total Gate Charge
Qg
7
11
Gate-Source Charge
Qgs
VDS = 15 V, VGS = 4.5 V, ID = 7.5 A
2.9
nC
Gate-Drain Charge
Qgd
DS
, GS
, D
2.5
Gate Resistance
Rg
0.5
1.5
2.4
W
Turn-On Delay Time
td(on)
9
15
Rise Time
tr
VDD = 15 V, RL = 15 W
10
17
Turn-Off Delay Time
td(off)
VDD = 15 V, RL = 15 W
ID ^ 1 A, VGEN = 10 V, Rg = 6 W
19
30
ns
Fall Time
tf
9
15
ns
Source Drain Reverse Recovery Time
t
IF = 1 7 A di/dt = 100 A/ms
Ch-1
35
55
Source-Drain Reverse Recovery Time
trr
IF = 1.7 A, di/dt = 100 A/ms
Ch-2
32
55
Notes
a.
Guaranteed by design, not subject to production testing.
b.
Pulse test; pulse width v 300 ms, duty cycle v 2%.
SCHOTTKY SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Forward Voltage Drop
VF
IF = 1.0 A
0.47
0.50
V
Forward Voltage Drop
VF
IF = 1.0 A, TJ = 125_C
0.36
0.42
V
Vr = 30 V
0.004
0.100
Maximum Reverse Leakage Current
Irm
Vr = 30 V, TJ = 100_C
0.7
10
mA
g
rm
Vr = −30 V, TJ = 125_C
3.0
20
Junction Capacitance
CT
Vr = 10 V
50
pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com