Electronic Components Datasheet Search
  English  ▼

X  

72021 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 72021
Description  Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

72021 Datasheet(HTML) 4 Page - Vishay Siliconix

  72021 Datasheet HTML 1Page - Vishay Siliconix 72021 Datasheet HTML 2Page - Vishay Siliconix 72021 Datasheet HTML 3Page - Vishay Siliconix 72021 Datasheet HTML 4Page - Vishay Siliconix 72021 Datasheet HTML 5Page - Vishay Siliconix 72021 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Si4830ADY
Vishay Siliconix
www.vishay.com
4
Document Number: 72021
S-32621—Rev. D, 29-Dec-03
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
MOSFET
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.00
0.01
0.02
0.03
0.04
0.05
0.06
0
2468
10
TJ = 150_C
ID = 7.5 A
20
10
0.1
Source-Drain Diode Forward Voltage
On-Resistance vs. Gate-to-Source Voltage
VSD − Source-to-Drain Voltage (V)
VGS − Gate-to-Source Voltage (V)
−0.8
−0.6
−0.4
−0.2
−0.0
0.2
0.4
−50
−25
0
25
50
75
100
125
150
ID = 250 mA
Threshold Voltage
TJ − Temperature (_C)
Safe Operating Area, Junction-to-Foot
VDS − Drain-to-Source Voltage (V)
100
1
0.1
1
10
100
0.01
10
100 ms
0.1
Limited by rDS(on)
TC = 25_C
Single Pulse
1 s
10 s
dc
1
TJ = 25_C
10 ms
1 ms
0
60
100
20
40
Single Pulse Power, Junction-to-Ambient
Time (sec)
80
110
10−1
10−2
10−3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com