Electronic Components Datasheet Search
  English  ▼

X  

SMS2009E Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SMS2009E
Description  N-Ch Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMS2009E Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SMS2009E Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMS2009E Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMS2009E Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SMS2009E Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Elektronische Bauelemente
SMS2009E
0.9A , 20V , RDS(O ) 350mΩ
Ω
Ω
Ω
-Ch Enhancement Mode Power MOSFET
12-Apr-2017 Rev. A
Page 2 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (T
J=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Drain-Source Breakdown Voltage
BVDSS
20
-
-
V
VGS=0V, ID=250µA
Gate-Threshold Voltage
VGS(TH)
0.45
-
1
V
VDS=VGS, ID=250µA
Gate-Source Leakage Current
IGSS
-
-
±10
uA
VDS=0V, VGS= ±10V
-
-
1
VDS=20V, VGS=0V, TJ=25°C
Zero Gate Voltage Drain Current
IDSS
-
-
25
µA
VDS=16V, VGS=0V, TJ=70°C
-
265
350
VGS=4.5V, ID=650mA
-
325
660
VGS=2.5V, ID=500mA
Drain-Source On Resistance
3
RDS(ON)
-
370
2000
m
VGS=1.8V, ID=500mA
Total Gate Charge
Qg
-
1.3
-
Gate-to-Source Charge
Qgs
-
0.5
-
Gate-to-Drain (“Miller”) Charge
Qgs
-
0.1
-
nC
VDS=15V
VGS=4.5v
IDS=0.5A
Turn-on Delay Time
Td(on)
-
2.6
-
Rise Time
Tr
-
16
-
Turn-off Delay Time
Td(off)
-
29.8
-
Fall Time
Tf
-
11
-
nS
VDD=10V
I DS=0.5A
VGS=10V
RGEN=1
Input Capacitance
Ciss
-
64
-
Output Capacitance
Coss
-
17
-
Reverse Transfer Capacitance
Crss
-
20
-
pF
VDS=10V
VGS=0V
f=1MHz
Source-Drain Diode
Continuous Source Current
1
IS
-
-
0.9
A
Pulsed Source Current
2
ISM
-
-
1.8
A
Diode Forward Voltage
3
VSD
-
0.8
1
V
VGS=0V, IS=0.15A, TJ=25°C
Reverse Recovery Time
trr
-
4.9
-
nS
Reverse Recovery Charge
Qrr
-
1
-
nC
IF=0.5A,dI/dt=100A/µs,
TJ=25°C
Notes:
1.
Surface mounted on a 1 inch
2 FR-4 board with 2OZ copper.
2.
The power dissipation is limited by 150
℃ junction temperature, tp=10µs, Duty Cycle=1%
3.
The data tested by pulsed , pulse width
≦ 300us , duty cycle ≦ 2%



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com