Electronic Components Datasheet Search
  English  ▼

X  

SMS2301R Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SMS2301R
Description  P-Channel Enhancement MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMS2301R Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SMS2301R Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMS2301R Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMS2301R Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SMS2301R Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Elektronische Bauelemente
SMS2301R
-3A, -20V, RDS(ON) 110 mΩ
Ω
Ω
Ω
P-Channel Enhancement MOSFET
24-May-2016 Rev. A
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
SOT-23
2301
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
DESCRIPTIONS
The device uses advanced trench technology to provide
excellent RDS(ON), low gate charge and operation with gate
voltage as low as 2.5V. This device is suitable for the use
as a load switch or in PWM applications
FEATURES
High power and current handing capability
Lead free product is available
Surface mount package
APPLICATIONS
PWM applications
Load switch
Power management
MARKING
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOT-23
3K
7 inch
ABSOLUTE MAXIMUM RATINGS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Drain-Source Voltage
VDS
-20
V
Continuous Gate-Source Voltage
VGS
±12
V
Continuous Drain Current
ID
-3
A
Pulsed Drain Current
1
IDM
-10
A
Maximum Power Dissipation
PD
1
W
Thermal Resistance from Junction to Ambient
2
RθJA
125
°C/W
Junction and Storage Temperature Range
TJ, TSTG
-55~150
°C
1
2
3
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.70
3.10
G
0.09
0.18
B
2.10
2.65
H
0.5 Typ.
C
1.20
1.40
J
0.08
0.20
D
0.89
1.17
K
0.6 REF.
E
1.78
2.04
L
0.95 BSC.
F
0.30
0.50


Similar Part No. - SMS2301R

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMS2301 SECOS-SMS2301 Datasheet
375Kb / 4P
P-Channel Enhancement Mode Power MOSFET
More results

Similar Description - SMS2301R

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMG2321P SECOS-SMG2321P Datasheet
553Kb / 4P
P-Channel Enhancement MOSFET
SMG2345P SECOS-SMG2345P Datasheet
71Kb / 2P
P-Channel Enhancement MOSFET
SSN3139K SECOS-SSN3139K Datasheet
336Kb / 3P
P Channel Enhancement MOSFET
SMG2361P SECOS-SMG2361P Datasheet
450Kb / 4P
P-Channel Enhancement MOSFET
logo
Guangdong Kexin Industr...
AO3409-3 KEXIN-AO3409-3 Datasheet
1Mb / 4P
P-Channel Enhancement MOSFET
AO3409-HF-3 KEXIN-AO3409-HF-3 Datasheet
1Mb / 4P
P-Channel Enhancement MOSFET
AO3419-3 KEXIN-AO3419-3 Datasheet
1Mb / 4P
P-Channel Enhancement MOSFET
KX9435 KEXIN-KX9435 Datasheet
1Mb / 4P
P-Channel Enhancement MOSFET
SI2301DS-3 KEXIN-SI2301DS-3 Datasheet
1Mb / 5P
P-Channel Enhancement MOSFET
SI2303DS KEXIN-SI2303DS Datasheet
1Mb / 4P
P-Channel Enhancement MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com