Electronic Components Datasheet Search
  English  ▼

X  

PCN13 Datasheet(PDF) 7 Page - Hirose Electric

Part # PCN13
Description  PCN10, 12, 13 Series (Product Compliant to DIN Standard: through hole,Wrapping Type)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

PCN13 Datasheet(HTML) 7 Page - Hirose Electric

Back Button PCN13 Datasheet HTML 3Page - Hirose Electric PCN13 Datasheet HTML 4Page - Hirose Electric PCN13 Datasheet HTML 5Page - Hirose Electric PCN13 Datasheet HTML 6Page - Hirose Electric PCN13 Datasheet HTML 7Page - Hirose Electric PCN13 Datasheet HTML 8Page - Hirose Electric PCN13 Datasheet HTML 9Page - Hirose Electric PCN13 Datasheet HTML 10Page - Hirose Electric PCN13 Datasheet HTML 11Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
A63
BPCB mounting pattern
sSocket: 3-row Right Angle Type
BPCB mounting pattern
sSocket: 3-row Straight Type
Unit:mm
Unit:mm
PCN13-48S-2.54DSA
96S
PCN13-48S-2.54DS
96S
CL No.
Part Number
583-3010-9
583-3011-1
PCN13-48S-2.54DSA
PCN13-96S-2.54DSA
Number of Contacts
48
96
A
54.36
95.00
B
50.00
90.00
C
44.36
85.00
D
38.10
78.74
CL No.
Part Number
583-3040-0
583-3041-2
PCN13-48S-2.54DS
PCN13-96S-2.54DS
Number of Contacts
48
96
A
53.36
94.00
B
44.36
85.00
C
38.10
78.74
D
48.26
88.90
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com