Electronic Components Datasheet Search
  English  ▼

X  

PCN13 Datasheet(PDF) 1 Page - Hirose Electric

Part # PCN13
Description  PCN10, 12, 13 Series (Product Compliant to DIN Standard: through hole,Wrapping Type)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

PCN13 Datasheet(HTML) 1 Page - Hirose Electric

  PCN13 Datasheet HTML 1Page - Hirose Electric PCN13 Datasheet HTML 2Page - Hirose Electric PCN13 Datasheet HTML 3Page - Hirose Electric PCN13 Datasheet HTML 4Page - Hirose Electric PCN13 Datasheet HTML 5Page - Hirose Electric PCN13 Datasheet HTML 6Page - Hirose Electric PCN13 Datasheet HTML 7Page - Hirose Electric PCN13 Datasheet HTML 8Page - Hirose Electric PCN13 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
A29
sFeatures
1. Compliant with DIN Standard
Comply with IEC603-2/DIN41612 standard.
2. Variation in number of contacts
10, 16, 20, 24, 28, 30, 32, 44, 48, 50, 64, 90, 96, 100, 128, and
144 contacts are available.
3. Two point contact construction
PCN10 and 12 series are constructed with high reliable double-
sided two point contacts.
PCN13 series pursues after cost performance, and constructed
with single sided two point contacts.
4. Broad applications
DIN standard types of B, C, R, and Q are available. The flux tight
product is available. The easy lock pin type to prefix the board is
available.
5. Stacking height variation
PCN10H series contains 25, 30, 35, 40 and 45mm stacking
height.
6. Circuit protection function available
PCN10MC series utilizes a sequence structure for circuit
protection function.
7. Cable connector
ID connector for ribbon cable is available.
The connector is prepared for crimping connection for AWC#26
to 30 cables.
sApplication
Control equipment, exchange, measuring instruments etc.
Single-sided two point Contact System
Stacking Connector
Double-sided two point Contact System
PCN10, 12, 13 Series (Product Compliant to DIN Standard: through hole,Wrapping Type)
PCN Series
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - PCN13

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
PCN13-010S-2.54DSA HIROSE-PCN13-010S-2.54DSA Datasheet
1Mb / 8P
Product Compliant to DIN41612/IEC603-2 Standard
PCN13-016S-2.54DSA HIROSE-PCN13-016S-2.54DSA Datasheet
1Mb / 8P
Product Compliant to DIN41612/IEC603-2 Standard
PCN13-020S-2.54DSA HIROSE-PCN13-020S-2.54DSA Datasheet
1Mb / 8P
Product Compliant to DIN41612/IEC603-2 Standard
PCN13-030S-2.54DSA HIROSE-PCN13-030S-2.54DSA Datasheet
1Mb / 8P
Product Compliant to DIN41612/IEC603-2 Standard
PCN13-032S-2.54DSA HIROSE-PCN13-032S-2.54DSA Datasheet
1Mb / 8P
Product Compliant to DIN41612/IEC603-2 Standard
More results

Similar Description - PCN13

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
PCN10-16P-2.54DS HIROSE-PCN10-16P-2.54DS Datasheet
2Mb / 9P
Product Compliant to DIN41612/IEC603-2 Standard
PCN10FA HIROSE-PCN10FA Datasheet
896Kb / 10P
PCN10F Series (Product Compliant with DIN Standard: Coaxial and High Current Contact Composite Type)
PCN11-20P-2.54H-2 HIROSE-PCN11-20P-2.54H-2 Datasheet
739Kb / 10P
PCN11 Series (Product Compliant with DIN Standard: Solderless Connection Type)
PCN12A-10P-2.54DS HIROSE-PCN12A-10P-2.54DS Datasheet
1Mb / 8P
Product Compliant to DIN41612/IEC603-2 Standard
PCN13-10S-2.54DSA HIROSE-PCN13-10S-2.54DSA Datasheet
1Mb / 8P
Product Compliant to DIN41612/IEC603-2 Standard
DF11-8DP-2DS52 HIROSE-DF11-8DP-2DS52 Datasheet
535Kb / 14P
2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
DF11-16DP-2DSA01 HIROSE-DF11-16DP-2DSA01 Datasheet
547Kb / 14P
2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
logo
List of Unclassifed Man...
DF11-2428SCFA ETC2-DF11-2428SCFA Datasheet
535Kb / 14P
2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
logo
Hirose Electric
PCN12 HIROSE-PCN12 Datasheet
1Mb / 19P
PCN10, 12, 13 Series (Product Compliant to DIN Standard: through hole,Wrapping Type)
PCN11 HIROSE-PCN11 Datasheet
773Kb / 20P
Product Compliant with DIN Standard: Solderless Connection Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com