Electronic Components Datasheet Search
  English  ▼

X  

SSD80N03 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SSD80N03
Description  N-Ch Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSD80N03 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSD80N03 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSD80N03 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSD80N03 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSD80N03 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Elektronische Bauelemente
SSD80N03
80A , 30V , RDS(ON) 5.5m
N-Ch Enhancement Mode Power MOSFET
09-Jan-2015 Rev. A
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
A
C
D
N
O
P
G E
F
H
K
J
M
B
TO-252(D-Pack)
80N03
RoHS Compliant Product
A suffix of “-C” specifies halogen free
DESCRIPTION
The SSD80N03 is the highest performance trench
N-ch MOSFETs with extreme high cell density , which provide
excellent RDS(ON) and gate charge for most of the synchronous
buck converter applications .
FEATURES
Advanced high cell density Trench technology
Super Low Gate Charge
Excellent CdV/dt effect decline
100% EAS Guaranteed
Green Device Available
MARKING
PACKAGE INFORMATION
Package
MPQ
Leader Size
TO-252
2.5K
13 inch
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
±20
V
VGS=10V, TC=25°C
80
A
Continuous Drain Current
1
VGS=10V,TC=100°C
ID
57
A
Pulsed Drain Current
2
IDM
160
A
Total Power Dissipation
4
TC=25°C
P D
59
W
Linear Derating Factor
0.5
W / °C
Single Pulse Avalanche Energy
3
EAS
252
mJ
Single Pulse Avalanche Current
IAS
48
A
Operating Junction and Storage Temperature Range
TJ, TSTG
-55~150
°C
Thermal Resistance Rating
Maximum Thermal Resistance Junction-Ambient
1
RθJA
62
°C / W
Maximum Thermal Resistance Junction-Case
1
RθJC
2.1
°C / W
1
Gate
3
Source
2
Drain
Date Code
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
6.35
6.80
J
2.30 REF.
B
5.20
5.50
K
0.64
0.90
C
2.15
2.40
M
0.50
1.1
D
0.45
0.58
N
0.9
1.65
E
6.8
7.5
O
0
0.15
F
2.40
3.0
P
0.43
0.58
G
5.40
6.25
H
0.64
1.20


Similar Part No. - SSD80N03

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SSD80N03 VBSEMI-SSD80N03 Datasheet
1,003Kb / 7P
N-Channel 30-V (D-S) MOSFET
logo
SeCoS Halbleitertechnol...
SSD80N03-C SECOS-SSD80N03-C Datasheet
401Kb / 4P
N-Ch Enhancement Mode Power MOSFET
SSD80N03J SECOS-SSD80N03J Datasheet
98Kb / 2P
N-Ch Enhancement Mode Power MOSFET
SSD80N03 SECOS-SSD80N03_15 Datasheet
402Kb / 4P
N-Ch Enhancement Mode Power MOSFET
More results

Similar Description - SSD80N03

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMG2310A SECOS-SMG2310A Datasheet
906Kb / 3P
N-Ch Enhancement Mode Power MOSFET
SMS6001 SECOS-SMS6001 Datasheet
662Kb / 4P
N-Ch Enhancement Mode Power MOSFET
SSM01N60SL SECOS-SSM01N60SL Datasheet
557Kb / 5P
N-Ch Enhancement Mode Power MOSFET
SSRF03N80SL SECOS-SSRF03N80SL Datasheet
600Kb / 5P
N-Ch Enhancement Mode Power MOSFET
SSD20N10-130D SECOS-SSD20N10-130D Datasheet
538Kb / 4P
N-Ch Enhancement Mode Power MOSFET
SSE04N65SL SECOS-SSE04N65SL Datasheet
557Kb / 5P
N-Ch Enhancement Mode Power MOSFET
SSRF02N65SL SECOS-SSRF02N65SL Datasheet
577Kb / 5P
N-Ch Enhancement Mode Power MOSFET
SSRF08N70SL SECOS-SSRF08N70SL Datasheet
472Kb / 5P
N-Ch Enhancement Mode Power MOSFET
SSU07N65SL SECOS-SSU07N65SL Datasheet
568Kb / 5P
N-Ch Enhancement Mode Power MOSFET
SSPS924NE SECOS-SSPS924NE Datasheet
630Kb / 4P
N-Ch Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com