Electronic Components Datasheet Search
  English  ▼

X  

SSD80N03 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSD80N03
Description  N-Ch Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSD80N03 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSD80N03 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSD80N03 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSD80N03 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSD80N03 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Elektronische Bauelemente
SSD80N03
80A , 30V , RDS(ON) 5.5m
N-Ch Enhancement Mode Power MOSFET
09-Jan-2015 Rev. A
Page 2 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TJ=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Teat Conditions
Static
Drain-Source Breakdown Voltage
BVDSS
30
-
-
V
VGS=0, ID=250µA
Gate-Threshold Voltage
VGS(th)
1.0
-
2.5
V
VDS=VGS, ID=250µA
Forward Transconductance
gfs
-
43
-
S
VDS=5V, ID=30A
Gate-Source Leakage Current
IGSS
-
-
±100
nA
VGS= ±20V
TJ =25°C
-
-
1
V DS=24V, VGS=0
Drain-Source Leakage Current
TJ =55°C
IDSS
-
-
5
µA
VDS=24V, VGS=0
-
-
5.5
VGS=10V, ID=30A
Static Drain-Source On-Resistance
2
RDS(ON)
-
-
8
m
VGS=4.5V, ID=15A
Total Gate Charge
Qg
-
20
-
Gate-Source Charge
Qgs
-
7.6
-
Gate-Drain (“Miller”) Change
Qgd
-
7.2
-
nC
ID=15A
VDS=15V
VGS=4.5V
Turn-on Delay Time
Td(on)
-
7.8
-
Rise Time
Tr
-
15
-
Turn-off Delay Time
Td(off)
-
37.3
-
Fall Time
Tf
-
10.6
-
nS
VDD=15V
ID=15A
VGS=10V
RG=3.3
Input Capacitance
Ciss
-
2295
-
Output Capacitance
Coss
-
267
-
Reverse Transfer Capacitance
Crss
-
210
-
pF
VGS =0
VDS=15V
f =1.0MHz
Guaranteed Avalanche Characteristics
Single Pulse Avalanche Energy
5
EAS
63
-
-
mJ
VDD=25V,L=0.1mH , IAS=24A
Source-Drain Diode
Diode Forward Voltage
2
VSD
-
-
1
V
IS=1A, VGS=0
Continuous Source Current
1,6
IS
-
-
80
A
Pulsed Source Current
2,6
ISM
-
-
160
A
VD=VG=0, Force Current
Reverse Recovery Time
TRR
-
14
-
nS
Reverse Recovery Charge
QRR
-
5
-
nC
IF=30A, dl/dt=100A/µS
TJ =25°C
Notes:
1.
The data tested by surface mounted on a 1 inch2 FR-4 board with 2OZ copper.
2.
The data tested by pulsed , pulse width≦300µs , duty cycle≦2%
3.
The EAS data shows Max. rating . The test condition is VDD=25V,VGS=10V,L=0.1mH,IAS=48A
4.
The power dissipation is limited by 150°C junct ion temperature
5.
The Min. value is 100% EAS tested guarantee.
6.
The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com