Electronic Components Datasheet Search
  English  ▼

X  

DS3150 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # DS3150
Description  3.3V, DS3/E3/STS-1 Line Interface Unit
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3150 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button DS3150 Datasheet HTML 9Page - Maxim Integrated Products DS3150 Datasheet HTML 10Page - Maxim Integrated Products DS3150 Datasheet HTML 11Page - Maxim Integrated Products DS3150 Datasheet HTML 12Page - Maxim Integrated Products DS3150 Datasheet HTML 13Page - Maxim Integrated Products DS3150 Datasheet HTML 14Page - Maxim Integrated Products DS3150 Datasheet HTML 15Page - Maxim Integrated Products DS3150 Datasheet HTML 16Page - Maxim Integrated Products DS3150 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
DS3150
13 of 28
Figure 1-4. E3 Waveform Template
Table 1-G. E3 Waveform Test Parameters and Limits
PARAMETER
SPECIFICATION
Rate
34.368Mbps (
± 20ppm)
Line Code
HDB3
Transmission Medium
Coaxial cable (AT&T 734A or equivalent)
Test Measurement Point
At the transmitter
Test Termination
75
W (±1%) resistive
Pulse Amplitude
1.0V (nominal)
Pulse Shape
An isolated pulse (preceded by two zeros and
followed by one or more zeros) falls within the
template shown in Figure 1-4.
Ratio of the Amplitudes of Positive and Negative
Pulses at the Center of the Pulse Interval
0.95 to 1.05
Ratio of the Widths of Positive and Negative Pulses
at the Nominal Half Amplitude
0.95 to 1.05
0
-0.1
-0.2
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
Time (ns)
G.703
E3
Template
Output
Level (V)
29.1ns
24.5ns
12.1ns
8.65ns
17ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com