Electronic Components Datasheet Search
  English  ▼

X  

DS3150 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # DS3150
Description  3.3V, DS3/E3/STS-1 Line Interface Unit
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3150 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button DS3150 Datasheet HTML 17Page - Maxim Integrated Products DS3150 Datasheet HTML 18Page - Maxim Integrated Products DS3150 Datasheet HTML 19Page - Maxim Integrated Products DS3150 Datasheet HTML 20Page - Maxim Integrated Products DS3150 Datasheet HTML 21Page - Maxim Integrated Products DS3150 Datasheet HTML 22Page - Maxim Integrated Products DS3150 Datasheet HTML 23Page - Maxim Integrated Products DS3150 Datasheet HTML 24Page - Maxim Integrated Products DS3150 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
DS3150
21 of 28
3. ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
Voltage Range on Any Lead with Respect to VSS (except VDD)
-0.3V to 5.5V
Supply Voltage Range (VDD) with Respect to VSS
-0.3V to 3.63V
Operating Temperature Range
-40°C to +85°C
Storage Temperature Range
-55°C to +125°C
Soldering Temperature Range
See IPC/JEDEC J-STD-020 Standard
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is
not implied. Exposure to the absolute maximum rating conditions for extended periods may affect device reliability.
Note: The typical values listed below are not production tested.
RECOMMENDED DC OPERATING CONDITIONS
(TA = 0°C to +70
°C for DS3150Q/T, TA = -40°C to +85°C for DS3150QN/TN.)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Logic 1
VIH
2.4
5.5
V
Logic 0
VIL
-0.3
+0.8
V
Power Supply
VDD
3.135
3.465
V
DC CHARACTERISTICS
(VDD = 3.3V
±5%, TA = 0°C to +70°C for DS3150Q/T, TA = -40°C to +85°C for DS3150QN/TN.)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
E3 Supply Current (Note 1)
IDD
75
90
mA
DS3 Supply Current (Note 1)
IDD
87
102
mA
STS-1 Supply Current (Note 1)
IDD
95
110
mA
Power-Down Current (Note 2)
IPD
45
mA
Lead Capacitance
CIO
7
pF
Input Leakage (Note 3)
IIL
-10
+10
mA
Input Leakage (I3 Pins or Pins with
Internal Pullup Resistors) (Note 3)
IILP
-500
+500
mA
Output Leakage (PRBS Pin, when High-Z)
ILO
-10
+10
mA
Output Current (VOH = 2.4V)
IOH
-4.0
mA
Output Current (VOL = 0.4V)
IOL
+4.0
mA
Pullup Resistor on I3 Pins
ZI3
13
k
W
Note 1:
TCLK at 34.368MHz for E3, 44.736MHz for DS3, or 51.84MHz for STS-1; MCLK floating; TX+/TX- driving all ones into 150
W
resistive load; all ones driven into RX+/RX- (1.0V square wave); all other inputs at VDD or grounded; all other outputs open.
Note 2:
VDD = 3.465V; MCLK = 44.736MHz and TTS = 0; other inputs at VDD or grounded; other outputs left open-circuited.
Note 3:
0V < VIN < VDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com