Electronic Components Datasheet Search
  English  ▼

X  

SSF319W Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SSF319W
Description  N-Ch Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSF319W Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSF319W Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSF319W Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSF319W Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSF319W Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Elektronische Bauelemente
SSF319W
50V, 200mA, RDS(ON) 3.5
N-Ch Enhancement Mode Power MOSFET
26-Feb-2016 Rev. A
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
J2
SOT-323
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
DESCRIPTION
Typical applications are DC/DC converters, power
management in portable and battery–powered products
such as computers, printers, PCMCIA cards, cellular and
cordless telephones.
FEATURES
Lower threshold Voltage
ESD protection: 1500V
MARKING
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOT-323
3K
7 inch
ABSOLUTE MAXIMUM RATINGS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Drain-Source Voltage
VDS
50
V
Continuous Gate-Source Voltage
VGS
±20
V
Continuous Drain Current
TA=25°C
I D
200
mA
Pulsed Drain Current@ tp≦10µs
IDM
800
mA
TA=25°C
150
mW
Total Power Dissipation
1
Derate above 25°C
PD
1.2
mW / °C
Thermal Resistance from Junction to Ambient
1
RθJA
833
°C / W
Maximum Lead Temperature for Soldering Purposes@
for 10 seconds
TL
260
°C
Operating Junction and Storage Temperature Range
TJ, TSTG
150, -55~150
°C
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.80
3.00
G
0.1 REF.
B
1.80
2.55
H
0.525 REF.
C
1.1
1.4
J
0.05
0.25
D
0.80
1.15
K
0.8 TYP.
E
1.20
2.00
L
0.65 TYP.
F
0.15
0.50


Similar Part No. - SSF319W

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF3108DU SILIKRON-SSF3108DU Datasheet
1Mb / 7P
Advanced MOSFET process technology
SSF3108H1 SILIKRON-SSF3108H1 Datasheet
1Mb / 7P
Advanced MOSFET process technology
SSF3108H1U SILIKRON-SSF3108H1U Datasheet
773Kb / 7P
Advanced MOSFETprocess technology
SSF3108H1X SILIKRON-SSF3108H1X Datasheet
878Kb / 7P
Advanced MOSFETprocess technology
SSF3108J2 SILIKRON-SSF3108J2 Datasheet
868Kb / 7P
Advanced trench MOSFET process technology
More results

Similar Description - SSF319W

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMG2310A SECOS-SMG2310A Datasheet
906Kb / 3P
N-Ch Enhancement Mode Power MOSFET
SMS6001 SECOS-SMS6001 Datasheet
662Kb / 4P
N-Ch Enhancement Mode Power MOSFET
SSM01N60SL SECOS-SSM01N60SL Datasheet
557Kb / 5P
N-Ch Enhancement Mode Power MOSFET
SSRF03N80SL SECOS-SSRF03N80SL Datasheet
600Kb / 5P
N-Ch Enhancement Mode Power MOSFET
SSD20N10-130D SECOS-SSD20N10-130D Datasheet
538Kb / 4P
N-Ch Enhancement Mode Power MOSFET
SSE04N65SL SECOS-SSE04N65SL Datasheet
557Kb / 5P
N-Ch Enhancement Mode Power MOSFET
SSRF02N65SL SECOS-SSRF02N65SL Datasheet
577Kb / 5P
N-Ch Enhancement Mode Power MOSFET
SSRF08N70SL SECOS-SSRF08N70SL Datasheet
472Kb / 5P
N-Ch Enhancement Mode Power MOSFET
SSU07N65SL SECOS-SSU07N65SL Datasheet
568Kb / 5P
N-Ch Enhancement Mode Power MOSFET
SSPS924NE SECOS-SSPS924NE Datasheet
630Kb / 4P
N-Ch Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com