Electronic Components Datasheet Search
  English  ▼

X  

SSG4410J Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSG4410J
Description  N-Channel Enhancement Mode Power MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSG4410J Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSG4410J Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSG4410J Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSG4410J Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Elektronische Bauelemente
SSG4410J
7.5A, 30V, RDS(ON) 13.5 mΩ
Ω
Ω
Ω
N-Channel Enhancement Mode Power MOSFET
08-May-2017 Rev. C
Page 2 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test condition
Off Characteristics
Drain-Source Breakdown Voltage
BVDSS
30
-
-
V
VGS=0, ID=250µA
Zero Gate Voltage Drain Current
IDSS
-
-
1
µA
VDS=30V, VGS=0
Gate-Body Leakage Current
IGSS
-
-
±100
nA
VDS=0V, VGS=±20V
On Characteristics
1
Gate-Threshold Voltage
VGS(th)
1
-
3
V
VDS=VGS, ID=250µA
-
-
13.5
VGS=10V, ID=10A
Drain-Source On-Resistance
RDS(ON)
-
-
20
m
VGS=4.5V, ID=5A
Forward Transfer Conductance
Gfs
-
8
-
S
VDS=15V, ID=5A
Dynamic Characteristics
Input Capacitance
Ciss
-
9130
-
Output Capacitance
Coss
-
625
-
Reverse Transfer Capacitance
Crss
-
387
-
pF
VDS=15V
VGS=0
f=1MHz
Switching Characteristics
Total Gate Charge
Qg
-
40
-
Gate-Source Charge
Qgs
-
5.5
-
Gate-Drain (“Miller”) Charge
Qgd
-
3.7
-
nC
VDS=15V
VGS=10V
ID=10A
Turn-On Delay Time
Td(on)
-
15
-
Rise Time
Tr
-
15
-
Turn-Off Delay Time
Td(off)
-
60
-
Fall Time
Tf
-
25
-
nS
VDD=25V
VGS=10V
RG=6
RL=25
ID=1A
Gate Resistance
Rg
0.2
-
0.8
VDS=0V, VGS=0, f=1MHz
Source-Drain Diode
Forward On Voltage
1
VDS
-
-
1.1
V
IS=2.3A, VGS=0
Continuous Diode Forward Current
IS
-
-
7.5
A
Pulsed Diode Forward Current
ISM
-
-
50
A
Notes:
1.
Pulse Test: Pulse width≦300µs, duty cycle
2
≦ %.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com