Electronic Components Datasheet Search
  English  ▼

X  

IMP1834 Datasheet(PDF) 4 Page - IMP, Inc

Part # IMP1834
Description  Dual 5V and 3.3V uP Power Supply Supervisors w/Manual Reset
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc

IMP1834 Datasheet(HTML) 4 Page - IMP, Inc

  IMP1834 Datasheet HTML 1Page - IMP, Inc IMP1834 Datasheet HTML 2Page - IMP, Inc IMP1834 Datasheet HTML 3Page - IMP, Inc IMP1834 Datasheet HTML 4Page - IMP, Inc IMP1834 Datasheet HTML 5Page - IMP, Inc IMP1834 Datasheet HTML 6Page - IMP, Inc IMP1834 Datasheet HTML 7Page - IMP, Inc IMP1834 Datasheet HTML 8Page - IMP, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
408-432-9100/www.impweb.com
©
1999 IMP, Inc.
IMP1
IMP183
83 4/A/D
4/A/D
Application Information
Operation – Power Monitor
The IMP1834 supervisors simultaneously detect out-of-tolerance
power supply conditions on both 3.3V and 5V power supplies. If
the voltages at 5VIN or 3.3VIN are outside the tolerance band, the
reset for the failing supply voltage becomes active. When the moni-
tored supply returns to an in-tolerance state, the reset remains active
for approximately 350ms before returning to the inactive state.
On power-up, the reset signals are kept active for approximately
350ms after the power supply voltages have reached the selected
tolerance. This allows the power supply and microprocessor to
stabilize before the reset is removed.
All supply current for the IMP1834 devices is drawn from the
input (5VIN or 3.3VIN) with the highest voltage level. The outputs
draw current from their input supplies 5VIN and 3.3VIN.
Reset Signal Polarity and Output Stage Structure
The IMP1834 and IMP1834A supervisors have active LOW reset
signals. The IMP1834D reset outputs are active HIGH.
The IMP1834 and IMP1834D have CMOS push-pull output
stages. The IMP1834A has open drain reset outputs.
Output Stage
IMP Part
RESET Polarity
Configuration
IMP1834
LOW
Push-Pull
IMP1834EMA
LOW
Push-Pull
IMP1834S
LOW
Push-Pull
IMP1834A
LOW
Open Drain
IMP1834AEMA
LOW
Open Drain
IMP1834AS
LOW
Open Drain
IMP1834D
HIGH
Push-Pull
IMP1834DEMA
HIGH
Push-Pull
IMP1834DS
HIGH
Push-Pull
Trip Point Tolerance Selection
The 3.3VTOL and 5VTOL inputs allow independent selection of
the reset trip points. If 5VTOL is connected to the 5V supply input,
a 10% tolerance is selected. If 5VTOL is grounded, a 5% tolerance
is selected.
If 3.3VTOL is connected to the 3.3V supply input, a 20% tolerance
is selected. If 3.3VTOL is grounded, a 10% tolerance is selected.
See Table 1.
The 3.3VTOL and 5VTOL tolerance select inputs should be tied to
ground or to the respective input supply voltage pin, 3.3VIN or 5VIN.
Figure 1. Timing Diagram: Power Up
Figure 2. Timing Diagram: Power Down
(IMP1834D Only)
1834_10.eps
VINTP (Max)
VINTP
VINTP (Min)
VIN
RESET
RESET
tR
tRPU
VOH
VOL
VINTP
VINTP (Max)
VINTP (Min)
VIN
RESET
RESET
> tRPD
tF
VOH
VOL
RESET Slews
with VCC
1834_09.eps
(IMP1834D Only)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com