Electronic Components Datasheet Search
  English  ▼

X  

IMP1834 Datasheet(PDF) 1 Page - IMP, Inc

Part # IMP1834
Description  Dual 5V and 3.3V uP Power Supply Supervisors w/Manual Reset
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc

IMP1834 Datasheet(HTML) 1 Page - IMP, Inc

  IMP1834 Datasheet HTML 1Page - IMP, Inc IMP1834 Datasheet HTML 2Page - IMP, Inc IMP1834 Datasheet HTML 3Page - IMP, Inc IMP1834 Datasheet HTML 4Page - IMP, Inc IMP1834 Datasheet HTML 5Page - IMP, Inc IMP1834 Datasheet HTML 6Page - IMP, Inc IMP1834 Datasheet HTML 7Page - IMP, Inc IMP1834 Datasheet HTML 8Page - IMP, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©
1999 IMP, Inc.
408-432-9100/www.impweb.com
1
Key Features
x
Lower power, pin-compatible replacements for
the Dallas DS1834
— 40% lower maximum supply current:
30µA vs 50µA
x
Monitor 5V and 3.3V supplies simultaneously
x
5V and 3.3V power-on reset
x
350ms reset time
x
Debounced pushbutton reset input
x
Push-Pull CMOS output
— IMP1834, IMP1834D
— Eliminates external pull-up resistors
— Active LOW (IMP1834), HIGH (IMP1834D)
x
Open drain output
— IMP1834A
— Active LOW
x
Selectable 5V and 3.3V trip point tolerance
x
Internal power drawn from highest input
voltage, 5V or 3.3V
x
Precision temperature-compensated voltage
reference and comparator
x
Low-cost surface mount SO, compact
MicroSO and DIP packages
x
Wide operating temperature, –40
°C to +85°C
Block Diagram
3.3VIN
8
1834_01.eps
40k
Ω
5VIN
5VTOL
5V Tolerance
Bias
IMP1834
PBRST
1
3
–
+
Low TC
Reference
3.3VTOL
5
6
GND
4
5VRESET
5VRESET (IMP1834D)
For IMP1834D
350 ms
Delay
For IMP1834D
3.3V Tolerance
Bias
2
–
+
3.3VRESET
3.3VRESET (IMP1834D)
350 ms
Delay
7
Pushbutton Level
Sense and Debounce
IMP1
IMP183
83 4/A/D
4/A/D
POWER MANAGEMENT
Dual 5V and 3.3V
Dual 5V and 3.3V µ
µP P
P Po
ow
wer
er
Suppl
Supply Super
y Supervisor
visors w/Manual R
s w/Manual Reset
eset
– Push-Pull and Open-Dr
– Push-Pull and Open-Drain Outputs
ain Outputs
– Select
– Select able T
able Trrip P
ip Point T
oint Toler
olerance
ance
The IMP1834 supervisors simultaneously monitor both 3.3V and 5V
power sources and issue reset signals when either supply is out of toler-
ance. When an out-of-tolerance condition is detected, the output-reset
signal of the affected supply becomes active and resets the system micro-
processor/microcontroller. On power-up and after the supply voltage
returns to an in-tolerance condition, the reset signal remains active for
approximately 350ms. This allows the power supply and system micro-
processor to stabilize.
The IMP1834 supervisors are pin-compatible with devices from Dallas
Semiconductor and require up to 40% less current.
Tolerance levels are independently selectable for both supplies.
Tolerance options are 5- and 10-percent for the 5V supply and for the
3.3V supply, 10- and 20-percent.
The IMP1834 and IMP1834D have push-pull reset output stages. The
IMP1834A active LOW reset outputs are open drain devices that can
both be connected to either 5 volt or 3.3 volt supply. The IMP1834 and
IMP1834A have active LOW reset outputs. The IMP1834D has active
HIGH reset outputs.
All devices can issue reset signals through an internally debounced
pushbutton reset input that affects both reset outputs.
All devices operate over the extended industrial temperature range.
Devices are available in 8-pin DIP, surface mount 8-pin SO and 8-pin
MicroSO packages. Die are also available.
1834_02.eps
5VRESET
2
3.3VRESET
7
IMP1834A


Similar Part No. - IMP1834

ManufacturerPart #DatasheetDescription
logo
A1 PROs co., Ltd.
IMP1834 A1PROS-IMP1834 Datasheet
247Kb / 8P
Duall 5V and 3..3V mP Power Supplly Superviissorss w/Manuall Ressett
07/02/99
IMP1834A A1PROS-IMP1834A Datasheet
247Kb / 8P
Duall 5V and 3..3V mP Power Supplly Superviissorss w/Manuall Ressett
07/02/99
IMP1834AD A1PROS-IMP1834AD Datasheet
247Kb / 8P
Duall 5V and 3..3V mP Power Supplly Superviissorss w/Manuall Ressett
07/02/99
IMP1834AEMA A1PROS-IMP1834AEMA Datasheet
247Kb / 8P
Duall 5V and 3..3V mP Power Supplly Superviissorss w/Manuall Ressett
07/02/99
IMP1834AS A1PROS-IMP1834AS Datasheet
247Kb / 8P
Duall 5V and 3..3V mP Power Supplly Superviissorss w/Manuall Ressett
07/02/99
More results

Similar Description - IMP1834

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6453 MAXIM-MAX6453 Datasheet
189Kb / 10P
uP Supervisors with Separate VCC Reset and Manual Reset Outputs
19-2637; Rev 1; 4/03
logo
Alliance Semiconductor ...
ASM1232LP ALSC-ASM1232LP Datasheet
276Kb / 10P
5V uP Power Supply Monitor and Reset Circuit
ASM1834 ALSC-ASM1834 Datasheet
256Kb / 10P
Dual 5V and 3.3V uP Power Supply Supervisor with Manual Reset
logo
Catalyst Semiconductor
CAT811 CATALYST-CAT811_05 Datasheet
92Kb / 9P
4-Pin Microprocessor Power Supply Supervisors with Manual Reset
CAT811 CATALYST-CAT811_08 Datasheet
228Kb / 11P
4-Pin Microprocessor Power Supply Supervisors with Manual Reset
logo
PulseCore Semiconductor
ASM1834 PULSECORE-ASM1834 Datasheet
265Kb / 10P
Dual 5V and 3.3V 關P Power Supply Supervisor with Manual Reset
logo
ON Semiconductor
CAT811 ONSEMI-CAT811 Datasheet
235Kb / 11P
4-Pin Microprocessor Power Supply Supervisors with Manual Reset
Doc. No. MD-3005 Rev. U
logo
Maxim Integrated Produc...
MAX6453 MAXIM-MAX6453_10 Datasheet
255Kb / 11P
uP Supervisors with Separate VCC Reset and Manual Reset Outputs
19-2637; Rev 3; 6/10
logo
ON Semiconductor
CAT811LTBI ONSEMI-CAT811LTBI Datasheet
118Kb / 9P
4-Pin Microprocessor Power Supply Supervisors with Manual Reset
October, 2012 ??Rev. 2
CAT811RTBI ONSEMI-CAT811RTBI Datasheet
118Kb / 9P
4-Pin Microprocessor Power Supply Supervisors with Manual Reset
October, 2012 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com