Electronic Components Datasheet Search
  English  ▼

X  

S1DF Datasheet(PDF) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # S1DF
Description  1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

S1DF Datasheet(HTML) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

  S1DF Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd S1DF Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Symbo
S1AF
S1BF
S1DF
S1GF
S1J F
S1K F
S1MF
Unit
Characteristic
Typical Thermal Resistance (Note 2)
R
Typical Junction Capacitance (Note 1)
C
S1AF-S1MF
-65 to +150
°C
Features
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
5 0
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
3 5
70
140
280
420
560
700
V
Average Rectified Output Current
@TL = 100°C
IO
1.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
30
A
Forward Voltage
@IF = 1.0A
VFM
1.10
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 125°C
IRM
5.0
200
µA
j
15
pF
JL
30
K/W
Operating and Storage Temperature Range
Tj, TSTG
1 of 2
S1AF-S1MF
2. Mounted on P.C. Board with 8.0mm
1. Measured at 1.0 MHz and applied reverse voltage of 4.0 V DC.
Note:
2 land area.
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
SMAF
Surge Overload Rating to 30A Peak
Ideally Suited for Automatic Assembly
Built-in Strain Relief
Classification Rating 94V-O
Low Power Loss
Weight: 0.037 grams (approx.)
Features
!
!
Low Forward Voltage Drop
!
!
!
!
Plastic Case Material has UL Flammability
                            
Mechanical Data
!
!
Terminals: Solder Plated, Solderable
per MIL-STD-750, Method 2026
!
Polarity: Cathode Band or Cathode Notch
!
Marking: Type Number
!
!
Lead Free: For RoHS / Lead Free Version
3.60
3.20
2.80
2.40
Dim
Min
Max
A
B
C
D
E
F
G
All Dimensions in mm
0.20
0.10
4.80
4.40
1.10
0.90
0.90
-
1.43
1.38
Case: SMAF, Molded Plastic
A
B
C
D
F
E
G
1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER


Similar Part No. - S1DF

ManufacturerPart #DatasheetDescription
logo
YENYO TECHNOLOGY Co., L...
S1DF YENYO-S1DF Datasheet
204Kb / 2P
1.0A General Purpose Rectifier
logo
Microdiode Semiconducto...
S1DF CHENDA-S1DF Datasheet
646Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
S1DF YFWDIODE-S1DF Datasheet
119Kb / 3P
Surface MountGeneral Purpose Silicon Rectifiers
logo
Chongqing Pingwei Enter...
S1DF CHONGQING-S1DF Datasheet
177Kb / 1P
1.0AMP. GLASS PASSIVATED SURFACE MOUNT RECTIFIERS
logo
Guangdong Juxing Electr...
S1DF JUXING-S1DF Datasheet
639Kb / 3P
Surface Mount Standard Rectifiers
More results

Similar Description - S1DF

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
S1A DIODES-S1A Datasheet
54Kb / 2P
1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS16003 Rev. 8 - 2
logo
TAITRON Components Inco...
GL41A TAITRON-GL41A Datasheet
245Kb / 6P
1.0A Surface Mount Glass Passivated Rectifier
logo
Diodes Incorporated
DFLR1800 DIODES-DFLR1800 Datasheet
78Kb / 4P
1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS35075 Rev. 2 - 2
S1A DIODES-S1A_10 Datasheet
100Kb / 4P
1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS16003 Rev. 20 - 2
logo
Johanson Technology Inc...
S1B13F JOHANSON-S1B13F Datasheet
101Kb / 4P
1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Diodes Incorporated
S1DB-13-F DIODES-S1DB-13-F Datasheet
120Kb / 4P
1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev 22
S1G-13 DIODES-S1G-13 Datasheet
101Kb / 4P
1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev 22
S1GB-13 DIODES-S1GB-13 Datasheet
101Kb / 4P
1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev 22
S1MDFQ DIODES-S1MDFQ Datasheet
417Kb / 4P
1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev erse
logo
Zibo Seno Electronic En...
M1F ZSELEC-M1F Datasheet
478Kb / 2P
1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com