Electronic Components Datasheet Search
  English  ▼

X  

S1DF Datasheet(PDF) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # S1DF
Description  1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

S1DF Datasheet(HTML) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

  S1DF Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd S1DF Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0
40
80
120
0.01
0.1
1.0
10
100
1000
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig. 4 Typical Reverse Characteristics
T = 125 C
j
°
T = 25 C
j
°
1
10
100
5
10
15
20
25
30
NUMBER OF CYCLES @ 60Hz
Fig. 3 Max Non-Repetitive Peak Fwd Surge Current
8.3ms Single half sine-wave
JEDEC Method
2 of 2
S1AF-S1MF
S1AF-S1MF
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
0.6
0.8
1.0
1.2
1.4
1.6
0.01
0.1
1.0
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
T = 25ºC
PULSE WIDTH = 300µs
2% DUTY CYCLE
j
10
0
0.2
0.4
0.6
0.8
1.0
40
60
80
100
120
140
160 180
T , LEAD TEMPERATURE
( C )
Fig. 1 Forward Current Derating Curve
L
°
Resistive or
inductive load



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com