Electronic Components Datasheet Search
  English  ▼

X  

BCR20AM Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # BCR20AM
Description  MEDIUM POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

BCR20AM Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  BCR20AM Datasheet HTML 1Page - Mitsubishi Electric Semiconductor BCR20AM Datasheet HTML 2Page - Mitsubishi Electric Semiconductor BCR20AM Datasheet HTML 3Page - Mitsubishi Electric Semiconductor BCR20AM Datasheet HTML 4Page - Mitsubishi Electric Semiconductor BCR20AM Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Feb.1999
MITSUBISHI SEMICONDUCTOR
〈TRIAC〉
BCR20AM
MEDIUM POWER USE
NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
100
101
23 4 5
7
102
23 4 5
7
101
102
2
3
4
5
7
103
2
3
4
5
7
TYPICAL EXAMPLE
GATE TRIGGER CURRENT VS.
GATE CURRENT PULSE WIDTH
GATE TRIGGER CHARACTERISTICS TEST CIRCUITS
GATE TRIGGER PULSE WIDTH (
µs)
0
20
40
60
80
160
100
120
140
101 2
102
35 7
2
103
35 7
2
104
35 7
TYPICAL EXAMPLE
Tj = 125
°C
I QUADRANT
III QUADRANT
BREAKOVER VOLTAGE VS.
RATE OF RISE OF
OFF-STATE VOLTAGE
RATE OF RISE OF OFF-STATE VOLTAGE (V/
µs)
10–1
100
2
3
5
7
101
2
3
5
7
102
2
3
5
7
100 2
101
35 7
2
102
35 7
2
103
35 7
I QUADRANT
III QUADRANT
TYPICAL
EXAMPLE
Tj = 125
°C
IT = 4A
τ = 500µs
VD = 200V
f = 3Hz
MINIMUM
CHARAC-
TERISTICS
VALUE
COMMUTATION CHARACTERISTICS
RATE OF DECAY OF ON-STATE
COMMUTATING CURRENT (A /ms)
330
Ω
6V
6
Ω
A
V
330
Ω
6V
6
Ω
A
V
330
Ω
6V
6
Ω
A
V
TEST PROCEDURE
TEST PROCEDURE
TEST PROCEDURE



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com