Electronic Components Datasheet Search
  English  ▼

X  

BCR20AM Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # BCR20AM
Description  MEDIUM POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

BCR20AM Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  BCR20AM Datasheet HTML 1Page - Mitsubishi Electric Semiconductor BCR20AM Datasheet HTML 2Page - Mitsubishi Electric Semiconductor BCR20AM Datasheet HTML 3Page - Mitsubishi Electric Semiconductor BCR20AM Datasheet HTML 4Page - Mitsubishi Electric Semiconductor BCR20AM Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Feb.1999
BCR20AM
OUTLINE DRAWING
Dimensions in mm
TO-220
MITSUBISHI SEMICONDUCTOR
〈TRIAC〉
BCR20AM
MEDIUM POWER USE
NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
APPLICATION
Vacuum cleaner, light dimmer, copying machine, other control of motor and heater
q
IT (RMS) ................................................................ 20A
q
VDRM ...................................................... 400V / 600V
q
IFGT !, IRGT ! , IRGT # ................... 30mA (20mA) V5
Symbol
A
A
A2s
W
W
V
A
°C
°C
g
20
200
167
5
0.5
10
2
–40 ~ +125
–40 ~ +125
2.0
V1. Gate open.
Value corresponding to 1 cycle of half wave 60Hz, surge on-state
current
IT (RMS)
ITSM
I2t
PGM
PG (AV)
VGM
IGM
Tj
Tstg
—
RMS on-state current
Surge on-state current
I2t for fusing
Peak gate power dissipation
Average gate power dissipation
Peak gate voltage
Peak gate current
Junction temperature
Storage temperature
Weight
Parameter
Ratings
Unit
Conditions
Commercial frequency, sine full wave, Tc=105
°C
60Hz sinewave 1 full cycle, peak value, non-repetitive
Typical value
V
V
MAXIMUM RATINGS
Voltage class
Unit
12
600
720
Symbol
8
400
500
VDRM
VDSM
Parameter
Repetitive peak off-state voltageV1
Non-repetitive peak off-state voltageV1


Œ
Ž
Measurement point of
case temperature
V
Œ

Ž
T1 TERMINAL
T2 TERMINAL
 T2 TERMINAL
GATE TERMINAL
Œ Ž
E
10.5 MAX.
4.5
1.0
0.8
2.5
2.5
2.6
0.5
1.3
φ 3.6 ± 0.2
VOLTAGE
CLASS
TYPE
NAME


Similar Part No. - BCR20AM

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
BCR20AM POWEREX-BCR20AM Datasheet
72Kb / 4P
Triac 20 Ampere/400-600 Volts
BCR20AM-12 POWEREX-BCR20AM-12 Datasheet
72Kb / 4P
Triac 20 Ampere/400-600 Volts
BCR20AM-12L POWEREX-BCR20AM-12L Datasheet
72Kb / 4P
Triac 20 Ampere/400-600 Volts
logo
Renesas Technology Corp
BCR20AM-12LA RENESAS-BCR20AM-12LA Datasheet
107Kb / 7P
Triac Medium Power Use
BCR20AM-12LA-A8 RENESAS-BCR20AM-12LA-A8 Datasheet
107Kb / 7P
Triac Medium Power Use
More results

Similar Description - BCR20AM

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
BCR10CM MITSUBISHI-BCR10CM Datasheet
94Kb / 5P
MEDIUM POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
BCR12CM MITSUBISHI-BCR12CM Datasheet
91Kb / 5P
MEDIUM POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
BCR16CS MITSUBISHI-BCR16CS Datasheet
85Kb / 5P
MEDIUM POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
BCR30AM MITSUBISHI-BCR30AM Datasheet
88Kb / 5P
MEDIUM POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
BCR5AM MITSUBISHI-BCR5AM Datasheet
91Kb / 5P
MEDIUM POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
BCR6AM MITSUBISHI-BCR6AM Datasheet
91Kb / 5P
MEDIUM POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
logo
Powerex Power Semicondu...
BCR10CS POWEREX-BCR10CS Datasheet
86Kb / 5P
MEDIUM POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
BCR16CS POWEREX-BCR16CS Datasheet
85Kb / 5P
MEDIUM POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
BCR8CS POWEREX-BCR8CS Datasheet
86Kb / 5P
MEDIUM POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
logo
Renesas Technology Corp
BCR16CM RENESAS-BCR16CM_15 Datasheet
214Kb / 14P
MEDIUM POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com