Electronic Components Datasheet Search
  English  ▼

X  

MAX3182 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX3182
Description  3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23-5
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3182 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX3182 Datasheet HTML 1Page - Maxim Integrated Products MAX3182 Datasheet HTML 2Page - Maxim Integrated Products MAX3182 Datasheet HTML 3Page - Maxim Integrated Products MAX3182 Datasheet HTML 4Page - Maxim Integrated Products MAX3182 Datasheet HTML 5Page - Maxim Integrated Products MAX3182 Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
+3V to +5.5V, 1.5Mbps
RS-232 Receivers in SOT23-5
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +3.0V to +5.5V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +5.0V and TA = +25°C.) (Note 1)
ns
250
tINVH
Receiver Positive or Negative
Threshold to INVALID High
ns
200
tROD
Receiver Output Disable Time
µs
30
tINVL
Receiver Positive or Negative
Threshold to INVALID Low
RIN to ROUT; CL = 150pF
µs
0.15
CONDITIONS
tPHL
Receiver Propagation Delay,
High-to-Low
RIN to ROUT; CL = 150pF
µs
0.15
tPLH
Receiver Propagation Delay,
Low-to-High
| tPHL - tPLH |, Figure 1
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
CL = 50pF
ns
200
tROE
Receiver Output Enable Time
ns
50
tRS
Receiver Skew
Mbps
1.5
Maximum Data Rate
TIMING CHARACTERISTICS
Typical Operating Characteristics
(VCC = +5V, TA = +25°C, unless otherwise noted.)
0
0.2
0.1
0.4
0.3
0.6
0.5
0.7
0
0.5
1.0
1.5
SUPPLY CURRENT vs. DATA RATE
DATA RATE (Mbps)
RL = 50kΩ
CL = 100pF
VCC = 5V
VCC = 3.3V
230
270
250
290
330
310
350
3.0
3.5
5.0
4.5
4.0
5.5
RIN TO INVALID HIGH vs. SUPPLY VOLTAGE
VCC (V)
Note 1: Specifications are 100% tested at TA = +25°C. Limits over temperature are guaranteed by design.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com