Electronic Components Datasheet Search
  English  ▼

X  

MAX3182 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX3182
Description  3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23-5
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3182 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX3182 Datasheet HTML 1Page - Maxim Integrated Products MAX3182 Datasheet HTML 2Page - Maxim Integrated Products MAX3182 Datasheet HTML 3Page - Maxim Integrated Products MAX3182 Datasheet HTML 4Page - Maxim Integrated Products MAX3182 Datasheet HTML 5Page - Maxim Integrated Products MAX3182 Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Detailed Description
The MAX3180–MAX3183 are EIA/TIA-232 and V.28/
V.24 communications receivers that convert RS-232
signals to CMOS logic levels. The devices operate on a
supply voltage of +3V to +5.5V and have a 1.5Mbps
data rate capability. They achieve a 0.5µA typical sup-
ply current. The MAX3180/MAX3182 have a receiver
enable control (EN), while the MAX3181/MAX3183 con-
tain a signal invalid output (INVALID). The MAX3180/
MAX3181 invert the ROUT signal relative to RIN. The
MAX3182/MAX3183 are not inverted. The devices
come in SOT23-5 packages.
Signal Invalid Detector
If no valid signal levels appear on RIN for 30µs (typ),
INVALID goes low. This event typically occurs if the RS-
232 cable is disconnected or if the connected peripher-
al transmitter is turned off. INVALID goes high when a
valid level is applied to the RS-232 receiver input.
Figure 2 shows the input levels and timing diagram for
INVALID operation.
Enable Input
The MAX3180/MAX3182 feature an enable input. Drive
EN high to force ROUT into a high-impedance state. In
this state, the devices ignore incoming RS-232 signals.
Drive EN low for normal operation.
Power-Supply Decoupling
In most circumstances, a 0.1µF VCC bypass capacitor
is adequate for power-supply decoupling. Connect the
bypass capacitor as close to the IC as possible.
+3V to +5.5V, 1.5Mbps
RS-232 Receivers in SOT23-5
_______________________________________________________________________________________
5
50%
50%
50%
0
RIN
5V
ROUT
50%
tPLH
tPHL
VOL
VOH
Figure 1. Receiver Propagation-Delay Timing
VALID SIGNALS (INVALID = 1)
INVALID SIGNALS (INVALID = 0)
VALID SIGNALS (INVALID = 1)
-2.7V
-0.3V
+2.7V
+0.3V
0
INDETERMINATE
INDETERMINATE
0
VCC
tINVL
INVALID
REGION
RECEIVER
INPUT
VOLTAGE
(V)
INVALID
OUTPUT
(V)
tINVH
Figure 2. Input Levels and INVALID Timing
Chip Information
TRANSISTOR COUNT: 41



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com