Electronic Components Datasheet Search
  English  ▼

X  

MSA0635 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # MSA0635
Description  Cascadable Silicon Bipolar MMIC Amplifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MSA0635 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  MSA0635 Datasheet HTML 1Page - List of Unclassifed Manufacturers MSA0635 Datasheet HTML 2Page - List of Unclassifed Manufacturers MSA0635 Datasheet HTML 3Page - List of Unclassifed Manufacturers MSA0635 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
6-372
MSA-0635, -0636 Typical Scattering Parameters (ZO = 50 Ω, TA = 25°C, Id = 16 mA)
Freq.
GHz
Mag
Ang
dB
Mag
Ang
dB
Mag
Ang
Mag
Ang
k
0.1
.03
–178
20.5
10.59
171
–23.4
.068
5
.04
–44
1.05
0.2
.02
–177
20.3
10.31
161
–22.9
.071
8
.05
–68
1.04
0.3
.02
–164
20.0
9.96
152
–22.4
.076
14
.06
–87
1.04
0.4
.02
–116
19.6
9.55
144
–22.0
.079
19
.07
–104
1.03
0.5
.02
–100
19.2
9.08
136
–21.8
.081
21
.09
–114
1.04
0.6
.04
–89
18.7
8.59
128
–21.3
.086
24
.09
–123
1.04
0.8
.07
–96
17.7
7.66
115
–20.2
.098
29
.10
–140
1.03
1.0
.10
–108
16.6
6.79
103
–19.4
.107
31
.11
–156
1.02
1.5
.17
–134
14.2
5.13
79
–17.2
.138
30
.12
172
1.03
2.0
.24
–160
12.1
4.01
60
–15.8
.163
26
.12
148
1.04
2.5
.31
–178
10.3
3.26
48
–15.1
.175
27
.12
140
1.08
3.0
.37
166
8.7
2.72
34
–14.4
.190
24
.11
135
1.10
3.5
.42
151
7.4
2.33
21
–13.9
.203
19
.10
144
1.11
4.0
.46
139
6.2
2.04
9
–13.3
.216
16
.08
167
1.11
4.5
.48
126
5.1
1.81
–3
–12.8
.229
12
.08
–173
1.11
5.0
.52
110
4.2
1.62
–15
–12.2
.245
8
.09
–173
1.09
Note:
1. A model for this device is available in the DEVICE MODELS section.
S11
S21
S12
S22
0.1
0.3 0.5
1.0
3.0
6.0
FREQUENCY (GHz)
Figure 1. Typical Power Gain vs.
Frequency, Id = 16 mA.
1
02
3
4
5
Vd (V)
Figure 2. Device Current vs. Voltage.
Figure 3. Power Gain vs. Current.
0
3
6
9
12
15
18
21
0
5
10
15
20
25
Gain Flat to DC
TC = +125°C
TC = +25°C
TC = –55°C
I d (mA)
0
5
10
15
20
25
10
20
25
30
15
0.1 GHz
0.5 GHz
1.0 GHz
2.0 GHz
0
1
2
3
4
5
0
1
2
3
4
5
17
18
19
20
21
–55 –25
+25
+85
+125
TEMPERATURE (
°C)
Figure 4. Output Power at 1 dB Gain
Compression, NF and Power Gain vs.
Case Temperature, f = 0.5 GHz,
Id=16mA.
P1 dB
NF
GP
0.1
0.2 0.3
0.5
2.0
1.0
4.0
FREQUENCY (GHz)
Figure 5. Output Power at 1 dB Gain
Compression vs. Frequency.
-4
0
4
8
12
Id = 20 mA
Id = 30 mA
Id = 12 mA
Id = 16 mA
2.5
2.0
3.0
3.5
4.0
FREQUENCY (GHz)
Figure 6. Noise Figure vs. Frequency.
0.1
0.2 0.3
0.5
2.0
1.0
4.0
Id= 12 mA
Id= 16 mA, 30 mA
Id= 20 mA
Typical Performance, TA = 25°C
(unless otherwise noted)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com