Electronic Components Datasheet Search
  English  ▼

X  

MSA0635 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MSA0635
Description  Cascadable Silicon Bipolar MMIC Amplifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MSA0635 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MSA0635 Datasheet HTML 1Page - List of Unclassifed Manufacturers MSA0635 Datasheet HTML 2Page - List of Unclassifed Manufacturers MSA0635 Datasheet HTML 3Page - List of Unclassifed Manufacturers MSA0635 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
6-370
Cascadable Silicon Bipolar
MMIC Amplifiers
Technical Data
Features
• Cascadable 50
Ω Gain Block
• Low Operating Voltage:
3.5 V Typical Vd
• 3 dB Bandwidth:
DC to 0.9 GHz
• High Gain:
19.0 dB Typical at 0.5 GHz
• Low Noise Figure:
2.8 dB Typical at 0.5 GHz
• Cost Effective Ceramic
Microstrip Package
MSA-0635, -0636
35 micro-X Package[1]
Description
The MSA-0635 is a high perfor-
mance silicon bipolar Monolithic
Microwave Integrated Circuit
(MMIC) housed in a cost effective,
microstrip package. This MMIC is
Typical Biasing Configuration
Note:
1.
Short leaded 36 package available
upon request.
C block
C block
R bias
V
CC > 5 V
Vd = 3.5 V
RFC (Optional)
IN
OUT
MSA
4
1
2
3
designed for use as a general
purpose 50
Ω gain block. Typical
applications include narrow and
broad band IF and RF amplifiers
in commercial and industrial
applications.
The MSA-series is fabricated using
HP’s 10 GHz fT, 25 GHz f MAX,
silicon bipolar MMIC process
which uses nitride self-alignment,
ion implantation, and gold metalli-
zation to achieve excellent
performance, uniformity and
reliability. The use of an external
bias resistor for temperature and
current stability also allows bias
flexibility.
Available in cut lead version
(package 36) as MSA-0636.
5965-9585E


Similar Part No. - MSA0635

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
MSA0686 HP-MSA0686 Datasheet
52Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifier
More results

Similar Description - MSA0635

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
MSA-0135 HP-MSA-0135 Datasheet
52Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifiers
MSA-0235 HP-MSA-0235 Datasheet
53Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifiers
MSA-0335 HP-MSA-0335 Datasheet
53Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifiers
MSA-0370 HP-MSA-0370 Datasheet
52Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifiers
MSA-0435 HP-MSA-0435 Datasheet
53Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifiers
MSA-0635 HP-MSA-0635 Datasheet
53Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifiers
MSA-0700 HP-MSA-0700 Datasheet
55Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifiers
logo
AVAGO TECHNOLOGIES LIMI...
MSA-0436 AVAGO-MSA-0436 Datasheet
376Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifiers
logo
Broadcom Corporation.
MSA-0370 BOARDCOM-MSA-0370 Datasheet
74Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifiers
MSA-0436 BOARDCOM-MSA-0436 Datasheet
376Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com