Electronic Components Datasheet Search
  English  ▼

X  

NLAST44599 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NLAST44599
Description  Low Voltage Single Supply Dual DPDT Analog Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAST44599 Datasheet(HTML) 3 Page - ON Semiconductor

  NLAST44599 Datasheet HTML 1Page - ON Semiconductor NLAST44599 Datasheet HTML 2Page - ON Semiconductor NLAST44599 Datasheet HTML 3Page - ON Semiconductor NLAST44599 Datasheet HTML 4Page - ON Semiconductor NLAST44599 Datasheet HTML 5Page - ON Semiconductor NLAST44599 Datasheet HTML 6Page - ON Semiconductor NLAST44599 Datasheet HTML 7Page - ON Semiconductor NLAST44599 Datasheet HTML 8Page - ON Semiconductor NLAST44599 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
NLAST44599
http://onsemi.com
3
MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
Positive DC Supply Voltage
*0.5 to )7.0
V
VIS
Analog Input Voltage (VNO or VCOM)
*0.5 ≤ VIS ≤ VCC )0.5
V
VIN
Digital Select Input Voltage
*0.5 ≤ VI ≤ )7.0
V
IIK
DC Current, Into or Out of Any Pin
$50
mA
PD
Power Dissipation in Still Air
TSSOP–16
450
mW
TSTG
Storage Temperature Range
*65 to )150
_C
TL
Lead Temperature, 1 mm from Case for 10 Seconds
260
_C
TJ
Junction Temperature Under Bias
150
_C
MSL
Moisture Sensitivity
Level 1
FR
Flammability Rating
Oxygen Index: 30% – 35%
UL–94–VO (0.125 in)
VESD
ESD Withstand Voltage
Human Body Model (Note 1)
Machine Model (Note 2)
Charged Device Model (Note 3)
2000
200
1000
V
ILATCH–UP
Latch–Up Performance
Above VCC and Below GND at 125_C (Note 4)
$300
mA
qJA
Thermal Resistance
TSSOP–16
164
_C/W
Absolute maximum continuous ratings are those values beyond which damage to the device may occur. Extended exposure to these conditions
or conditions beyond those indicated may adversely affect device reliability. Functional operation under absolute–maximum–rated conditions is
not implied. Functional operation should be restricted to the Recommended Operating Conditions.
1. Tested to EIA/JESD22–A114–A.
2. Tested to EIA/JESD22–A115–A.
3. Tested to JESD22–C101–A.
4. Tested to EIA/JESD78.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
DC Supply Voltage
2.0
5.5
V
VIN
Digital Select Input Voltage
GND
5.5
V
VIS
Analog Input Voltage (NC, NO, COM)
GND
VCC
V
TA
Operating Temperature Range
*55
)125
°C
tr, tf
Input Rise or Fall Time, SELECT
VCC = 3.3 V $ 0.3 V
VCC = 5.0 V $ 0.5 V
0
0
100
20
ns/V
DEVICE JUNCTION TEMPERATURE VERSUS
TIME TO 0.1% BOND FAILURES
Junction
Temperature
°C
Time, Hours
Time, Years
80
1,032,200
117.8
90
419,300
47.9
100
178,700
20.4
110
79,600
9.4
120
37,000
4.2
130
17,800
2.0
140
8,900
1.0
1
1
10
100
1000
FAILURE RATE OF PLASTIC = CERAMIC
UNTIL INTERMETALLICS OCCUR
Figure 3. Failure Rate vs. Time Junction Temperature
TIME, YEARS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com