Electronic Components Datasheet Search
  English  ▼

X  

NLAST44599 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NLAST44599
Description  Low Voltage Single Supply Dual DPDT Analog Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAST44599 Datasheet(HTML) 4 Page - ON Semiconductor

  NLAST44599 Datasheet HTML 1Page - ON Semiconductor NLAST44599 Datasheet HTML 2Page - ON Semiconductor NLAST44599 Datasheet HTML 3Page - ON Semiconductor NLAST44599 Datasheet HTML 4Page - ON Semiconductor NLAST44599 Datasheet HTML 5Page - ON Semiconductor NLAST44599 Datasheet HTML 6Page - ON Semiconductor NLAST44599 Datasheet HTML 7Page - ON Semiconductor NLAST44599 Datasheet HTML 8Page - ON Semiconductor NLAST44599 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
NLAST44599
http://onsemi.com
4
DC CHARACTERISTICS – Digital Section (Voltages Referenced to GND)
Guaranteed Limit
Symbol
Parameter
Condition
VCC
*55_C to 25_C
t85_C
t125_C
Unit
VIH
Minimum High–Level Input
Voltage, Select Inputs
3.0
4.5
5.5
2.0
2.0
2.0
2.0
2.0
2.0
2.0
2.0
2.0
V
VIL
Maximum Low–Level Input
Voltage, Select Inputs
3.0
4.5
5.5
0.5
0.8
0.8
0.5
0.8
0.8
0.5
0.8
0.8
V
IIN
Maximum Input Leakage
Current, Select Inputs
VIN = 5.5 V or GND
5.5
$0.2
$2.0
$2.0
mA
IOFF
Power Off Leakage Current
VIN = 5.5 V or GND
0
$10
$10
$10
mA
ICC
Maximum Quiescent Supply
Current
Select and VIS = VCC or GND
5.5
4.0
4.0
8.0
mA
DC ELECTRICAL CHARACTERISTICS – Analog Section
Guaranteed Limit
Symbol
Parameter
Condition
VCC
*55_C to 25_C
t85_C
t125_C
Unit
RON
Maximum “ON” Resistance
(Figures 17 – 23)
VIN = VIL or VIH
VIS = GND to VCC
IINI v 10.0 mA
2.5
3.0
4.5
5.5
85
45
30
25
95
50
35
30
105
55
40
35
W
RFLAT
(ON)
ON Resistance Flatness
(Figures 17 – 23)
VIN = VIL or VIH
IINI v10.0 mA
VIS = 1 V, 2 V, 3.5 V
4.5
4
4
5
W
INC(OFF)
INO(OFF)
NO or NC Off Leakage
Current (Figure 9)
VIN = VIL or VIH
VNO or VNC = 1.0 VCOM 4.5 V
5.5
1
10
100
nA
ICOM(ON)
COM ON Leakage Current
(Figure 9)
VIN = VIL or VIH
VNO 1.0 V or 4.5 V with VNC floating or
VNO 1.0 V or 4.5 V with VNO floating
VCOM = 1.0 V or 4.5 V
5.5
1
10
100
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com