Electronic Components Datasheet Search
  English  ▼

X  

CL36AG Datasheet(PDF) 2 Page - Chip Integration Technology Corporation

Part # CL36AG
Description  3A Surface Mount Trench Schottky Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

CL36AG Datasheet(HTML) 2 Page - Chip Integration Technology Corporation

  CL36AG Datasheet HTML 1Page - Chip Integration Technology Corporation CL36AG Datasheet HTML 2Page - Chip Integration Technology Corporation CL36AG Datasheet HTML 3Page - Chip Integration Technology Corporation CL36AG Datasheet HTML 4Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
■ Rating and characteristic curves
CL36AG
3A Surface Mount Trench Schottky Rectifier
Chip Integration Technology Corporation
Document ID : DS-12KIM
Revised Date : 2016/06/03
Revision : C
0.01
0.1
1
10
0
100
200
300
400
500
600
Instantaneous Forward Voltage, VF (mV)
Fig. 1 - Forward Characteristics
TA = 75oC
TA = 100oC
TA = 125oC
TA = 50oC
TA = 25oC
0.0001
0.001
0.01
0.1
1
10
0
10
20
30
40
50
60
Reverse Voltage, VR (V)
Fig. 2 - Reverse Characteristics
TA = 25oC
TA = 100oC
TA = 125oC
TA = 50oC
TA = 75oC
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0
1
2
3
4
Average Forward Current, I
F
(A)
Fig. 3 - Forward Power Dissipation
0
1
2
3
4
5
0
25
50
75
100
125
150
Case Temperature, TC (oC)
Fig. 4 - Forward Current Derating Curve
1
10
100
1000
10000
0.1
1
10
100
Reverse Voltage, VR (V)
Fig. 5 - Junction Capacitance



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com