Electronic Components Datasheet Search
  English  ▼

X  

CL36AG Datasheet(PDF) 1 Page - Chip Integration Technology Corporation

Part # CL36AG
Description  3A Surface Mount Trench Schottky Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

CL36AG Datasheet(HTML) 1 Page - Chip Integration Technology Corporation

  CL36AG Datasheet HTML 1Page - Chip Integration Technology Corporation CL36AG Datasheet HTML 2Page - Chip Integration Technology Corporation CL36AG Datasheet HTML 3Page - Chip Integration Technology Corporation CL36AG Datasheet HTML 4Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
■ Features
■ Mechanical data
■ Maximum ratings and electrical characteristics
O
Rating at 25 C ambient temperature unless otherwise specified.
■ Outline
Low forward voltage drop.
•
Excellent high temperature stability.
•
Fast switching capability.
•
Lead-free parts meet environmental standards of
•
MIL-STD-19500 /228
CL36AG
3A Surface Mount Trench Schottky Rectifier
Forward rectified current
Forward surge current
Storage temperature
Parameter
Forward voltage drop
Reverse current
Parameter
Working peak reverse voltage
I
O
I
F S M
T
S T G
8.3ms single half sine-wave superimposed on
rate load (JEDEC method)
Conditions
Symbol
CL36AG
UNIT
-55 ~ +150
3
60
A
A
O C/W
O C
70
R
θ J A
Junction to ambient
V
RW M
60
V
V
F
I
R
O
V
= 60V T = 25 C
R
J
Conditions
Symbol
TYP.
UNIT
mV
MIN.
MAX.
O
I = 3A, T = 25 C
F
J
550
O
V
= 60V T = 125 C
R
J
O
I = 3A, T = 125 C
F
J
20
420
• Epoxy:UL94-V0 rated flame retardant
• Case : Molded plastic, DO-214AC / SMA
• Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026
• Polarity : Indicated by cathode band
• Weight : Approximated 0.08 gram
Dimensions in inches and (millimeters)
Document ID : DS-12KIM
Revised Date : 2016/06/03
Revision : C
SMA(DO-214AC)
Marking code
0.098 (2.50)
0.067 (1.70)
0.067 (1.70)
0.047 (1.20)
0.114 (2.90)
0.083 (2.10)
0.187 (4.75)
0.157 (4.00)
0.012 (0.30)
TYP.
0.224 (5.70)
0.185 (4.70)
0.061 (1.55)
0.030 (0.75)
0.008 (0.20)
0.003 (0.08)
490
Junction temperature
T
J
-55 ~ +150
O C
Typical Thermal resistance (per leg)
O C/W
25
R
θ J C
Junction to case
Reverse Breakdown Voltage(per diode)
O
I = 0.1A, T = 25 C
F
J
V
Main Product Characteristics
I
F ( AV )
3A
V
R R M
T
J
V
F ( Ty p )
60V
O
150 C
0.42V
Chip Integration Technology Corporation
0.002
2
60
0.1
mA
V
B R


Similar Part No. - CL36AG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CL304L ETC-CL304L Datasheet
112Kb / 2P
High-output GaAlAs IRED mounted in a low profile clear package.
logo
Wabash Transformer Inc.
CL30M00-000 WABASH-CL30M00-000 Datasheet
959Kb / 3P
Class 2 UL5085-3 Transformer 5VA - 30VA, Inherently Energy Limited
CL30M01-000 WABASH-CL30M01-000 Datasheet
959Kb / 3P
Class 2 UL5085-3 Transformer 5VA - 30VA, Inherently Energy Limited
CL30M02-000 WABASH-CL30M02-000 Datasheet
959Kb / 3P
Class 2 UL5085-3 Transformer 5VA - 30VA, Inherently Energy Limited
CL30M03-000 WABASH-CL30M03-000 Datasheet
959Kb / 3P
Class 2 UL5085-3 Transformer 5VA - 30VA, Inherently Energy Limited
More results

Similar Description - CL36AG

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
C34AG CITC-C34AG Datasheet
504Kb / 4P
3A Trench Schottky Rectifier
CP3S100S CITC-CP3S100S Datasheet
472Kb / 3P
3A Surface Mount Trench Schottky Rectifier
logo
Microdiode Semiconducto...
ST54A CHENDA-ST54A_V01 Datasheet
846Kb / 3P
SURFACE MOUNT TRENCH SCHOTTKY RECTIFIER
logo
ON Semiconductor
NRVTS5100ETFS ONSEMI-NRVTS5100ETFS Datasheet
69Kb / 5P
Trench Surface Mount Schottky Rectifier
June, 2018 ??Rev. 0
logo
Taiwan Semiconductor Co...
TSSW3U45H TSC-TSSW3U45H Datasheet
441Kb / 5P
3A, 45V - 60V Low VF Trench Schottky Surface Mount Rectifier
TSSE3U45H TSC-TSSE3U45H Datasheet
447Kb / 5P
3A, 45V - 60V Low VF Trench Schottky Surface Mount Rectifier
TSSE3H45H TSC-TSSE3H45H Datasheet
445Kb / 5P
3A, 45V - 60V Trench Schottky Surface Mount Rectifier
TSSA3U60H TSC-TSSA3U60H Datasheet
374Kb / 5P
3A, 60V Trench Schottky Surface Mount Rectifier
TSSA3U45H TSC-TSSA3U45H Datasheet
362Kb / 5P
3A, 45V Trench Schottky Surface Mount Rectifier
logo
ON Semiconductor
NRVTS360ETFS ONSEMI-NRVTS360ETFS Datasheet
179Kb / 6P
Trench Surface Mount Schottky Rectifier
February, 2019 ??Rev. 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com