Electronic Components Datasheet Search
  English  ▼

X  

PSR Datasheet(PDF) 3 Page - Rohm

Part # PSR
Description  Ultra low ohmic metal plate
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

PSR Datasheet(HTML) 3 Page - Rohm

  PSR Datasheet HTML 1Page - Rohm PSR Datasheet HTML 2Page - Rohm PSR Datasheet HTML 3Page - Rohm PSR Datasheet HTML 4Page - Rohm PSR Datasheet HTML 5Page - Rohm PSR Datasheet HTML 6Page - Rohm PSR Datasheet HTML 7Page - Rohm PSR Datasheet HTML 8Page - Rohm PSR Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
PSR series
Datasheet
<Reference data>
●
Characteristics
Type
Resistance value
Thermal resistivity
of product
Thermal EMF
Inductance
(mΩ)
(ºC /W)
PSR100
0.3
4
2μV/℃ Max.
< 2nH
0.5
7
1.0
14
2.0
20
3.0
30
PSR400
0.3
4.5
< 3nH
0.5
8
1.0
15
2.0
16
3.0
24
PSR500
0.2
3
0.3
4.5
0.4
7
0.5
8
1.0
8
2.0
16
●
Variation of resistance with temperature (Reference temperature is 20ºC)
●
Endurance (170ºC with no load)
www.rohm.com
© 2016 ROHMCo., Ltd. All rights reserved.
3/5
2017.06 - Rev.G



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com