Electronic Components Datasheet Search
  English  ▼

X  

PSR Datasheet(PDF) 1 Page - Rohm

Part # PSR
Description  Ultra low ohmic metal plate
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

PSR Datasheet(HTML) 1 Page - Rohm

  PSR Datasheet HTML 1Page - Rohm PSR Datasheet HTML 2Page - Rohm PSR Datasheet HTML 3Page - Rohm PSR Datasheet HTML 4Page - Rohm PSR Datasheet HTML 5Page - Rohm PSR Datasheet HTML 6Page - Rohm PSR Datasheet HTML 7Page - Rohm PSR Datasheet HTML 8Page - Rohm PSR Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Ultra low ohmic metal plate / high power type shunt resistors
PSR series
Datasheet
●
Features
1)High power class up to 4 to 5W.
2)The lineup of ultra-low resistance value : correspondence from 0.2mΩ
3)Excellent temperature coefficiency.
4)Ideal for current detection under high current circuit.
●
Products list
Part No.
Size
Rated power
(70℃)
Tolerance
Resistance range
Temperature
coefficient*
Operating
temperature
range
(mm)
(inch)
(W)
(mΩ)
(ppm / ℃)
(℃)
PSR100
6432
2512
3W
F ( ±1% )
0.3
±150
-55 ~ +170
0.5
±115
1.0
±100
2.0,3.0
±50
PSR400
10×5.2
3921
4W
F ( ±1% )
0.3,0.5
±175
-55 ~ +170
1.0,2.0,3.0
±75
PSR500
15×7.75
5931
5W
F ( ±1% )
0.2
±225
-55 ~ +170
0.3,0.4,0.5
±150
1.0,2.0
±75
●
●
Chip resistor dimensions and materials
*(+20℃ to +125℃)
(Unit : mm)
Part No.
L
W
H
b
Resistance
t
Material
PSR100 6.35±0.15 3.05±0.25 0.35±0.15 1.12±0.3
0.3 mΩ
1.45±0.15
Cu/Mn
0.5 mΩ
1.15±0.15
1.0 mΩ
0.75±0.15
2.0 mΩ
1.00±0.15
Ni/Cr
3.0 mΩ
0.75±0.15
PSR400 10.0±0.3 5.2±0.3 0.5±0.15 2.0±0.6
0.3 mΩ
1.85±0.15
Cu/Mn
0.5 mΩ
1.30±0.15
1.0 mΩ
0.90±0.15
2.0 mΩ
1.10±0.15
Ni/Cr
3.0 mΩ
0.90±0.15
PSR500 15.0±0.3 7.75±0.3 0.5±0.15 4.0±0.6
0.2 mΩ
1.85±0.15
Cu/Mn
0.3 mΩ
1.40±0.15
0.4 mΩ
1.15±0.15
0.5 mΩ
1.05±0.15
1.0 mΩ
1.35±0.15
Ni/Cr
2.0 mΩ
0.90±0.15
●
●
Derating Curve
■PSR 100
■PSR 400 / 500
When the terminal temperature exceeds 140°C, power dissipation
must be adjusted according to the derating curves below.
When the ambient temperature exceeds 70°C, power dissipation
must be adjusted according to the derating curves below.
Design and specifications are subject to change without notice.
Carefully check the specification sheet supplied with the product before using or ordering it.
www.rohm.com
© 2016 ROHMCo., Ltd. All rights reserved.
1/5
2017.06 - Rev.G


Similar Part No. - PSR

ManufacturerPart #DatasheetDescription
logo
Rohm
PSR ROHM-PSR Datasheet
1Mb / 17P
High power metal plate shunt resistors
2023.2 - Rev.012
logo
Mallory Sonalert Produc...
PSR-13N08A-SYQ MSPI-PSR-13N08A-SYQ Datasheet
120Kb / 1P
Sales Outline Drawing
PSR-18N08A-JQ MSPI-PSR-18N08A-JQ Datasheet
114Kb / 1P
Sales Outline Drawing
PSR-20F08S-YHQ MSPI-PSR-20F08S-YHQ Datasheet
123Kb / 1P
Sales Outline Drawing
PSR-20N08A-JQ MSPI-PSR-20N08A-JQ Datasheet
131Kb / 1P
Sales Outline Drawing
More results

Similar Description - PSR

ManufacturerPart #DatasheetDescription
logo
Rohm
PMR25 ROHM-PMR25 Datasheet
95Kb / 3P
Ultra low ohmic resistors for current detection
PMR50 ROHM-PMR50 Datasheet
98Kb / 3P
Ultra low ohmic resistors for current detection
PMR10 ROHM-PMR10_10 Datasheet
167Kb / 5P
Ultra-Low Ohmic Resistors for Current Detection
logo
MERITEK ELECTRONICS COR...
MLR MERITEK-MLR Datasheet
191Kb / 4P
Metal Alloy Low-Ohmic Current Sensing Resistor
logo
Rohm
PSR400ITTQJ ROHM-PSR400ITTQJ Datasheet
424Kb / 6P
Ultra low ohmic Metal plate / High power type Shunt Resistors
PMR ROHM-PMR Datasheet
994Kb / 8P
Ultra-low ohmic jumper chip resistors
logo
WALSIN TECHNOLOGY CORPO...
WW12M WALSIN-WW12M Datasheet
185Kb / 7P
Ultra low ohmic power chip resistors
WW20M WALSIN-WW20M Datasheet
201Kb / 7P
Ultra low ohmic chip resistors
logo
Rohm
PSR350 ROHM-PSR350 Datasheet
988Kb / 7P
High power metal plate shunt resistors
2023.2 - Rev.001
PSR ROHM-PSR_V01 Datasheet
1Mb / 17P
High power metal plate shunt resistors
2023.2 - Rev.012
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com