Electronic Components Datasheet Search
  English  ▼

X  

IC-DL Datasheet(PDF) 2 Page - IC-Haus GmbH

Part # IC-DL
Description  3-CHANNEL DIFFERENTIAL LINE DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-DL Datasheet(HTML) 2 Page - IC-Haus GmbH

  IC-DL Datasheet HTML 1Page - IC-Haus GmbH IC-DL Datasheet HTML 2Page - IC-Haus GmbH IC-DL Datasheet HTML 3Page - IC-Haus GmbH IC-DL Datasheet HTML 4Page - IC-Haus GmbH IC-DL Datasheet HTML 5Page - IC-Haus GmbH IC-DL Datasheet HTML 6Page - IC-Haus GmbH IC-DL Datasheet HTML 7Page - IC-Haus GmbH IC-DL Datasheet HTML 8Page - IC-Haus GmbH IC-DL Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
iC-DL
3-CHANNEL DIFFERENTIAL LINE DRIVER
Rev C1, Page 2/10
DESCRIPTION
iC-DL is a fast line driver with six independent chan-
nels and integrated impedance adaptation for 30 to
140 Ω lines.
Channels are paired for differential 3-channel oper-
ation by a high signal at the DIFF input, providing
differential output signals for the three inputs E1, E3
and E5. All inputs are compatible with CMOS and
TTL levels.
The push-pull output stages have a driver power of
typically 200 mA from 24 V and are short-circuit-proof
and current-limited, shutting down with excessive tem-
perature. For bus applications the output stages can
be switched to high impedance using input ENA.
iC-DL monitors supply voltages VB and VCC and the
chip temperature, switching all output stages to high
impedance in the event of error and set NER activ low.
In addition, the device also monitors voltage differ-
ences at the pins VB1, VB2 and VB3 and generates
an error signal if the absolut value exceeds 0.75 V.
The open-drain output NER allows the device to be
wired-ORed to the relevant NER error outputs of other
iC-DLs. Via input TNER the message outputs of other
ICs can be extended to generate system error mes-
sages. NER switches to high impedance if supply
voltage VCC ceases to be applied.
The device is protected against ESD.
PACKAGING INFORMATION QFN28 5 x 5 mm² JEDEC MO-220-VHHD-1
PIN CONFIGURATION QFN28 5 x 5 mm2
DL
code...
...
21
22
23
24
25
26
27
28
1
2
3
4
5
6
7
8
9
10
11 12 13 14
20
19
18
17
16
15
PIN FUNCTIONS
No. Name Function
1 E1
Input Channel 1
2 E2
Input Channel 2
3 E3
Input Channel 3
4 n.c.
PIN FUNCTIONS
No. Name Function
5 E4
Input Channel 4
6 E5
Input Channel 5
7 E6
Input Channel 6
8 VCC
+5 V Supply
9 n.c.
10 TNER Error Input, low active
11 NER
Error Output, active low
12 A6
Output Channel 6
13 GND4 Ground
14 VB3
+4.5 ... 40 V Power Supply
15 A5
Output Channel 5
16 GND3 Ground
17 A4
Output Channel 4
18 VB2
+4.5 ... 40 V Power Supply
19 A3
Output Channel 3
20 GND2 Ground
21 A2
Output Channel 2
22 VB1
+4.5 ... 40 V Power Supply
23 GND1 Ground
24 A1
Output Channel 1
25 n.c.
26 ENA
Enable Input, high active
27 n.c.
28 DIFF
Differential Mode Input, high active
The pins VB1, VB2 and VB3 must be connected to the same driver supply voltage VB. The pins GND1, GND2,
GND3 and GND4 must be connected to GND. To improve heat dissipation, the thermal pad at the bottom of the
package should be joined to an extended copper area which must have GND potential.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com