Electronic Components Datasheet Search
  English  ▼

X  

IC-DL Datasheet(PDF) 4 Page - IC-Haus GmbH

Part # IC-DL
Description  3-CHANNEL DIFFERENTIAL LINE DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-DL Datasheet(HTML) 4 Page - IC-Haus GmbH

  IC-DL Datasheet HTML 1Page - IC-Haus GmbH IC-DL Datasheet HTML 2Page - IC-Haus GmbH IC-DL Datasheet HTML 3Page - IC-Haus GmbH IC-DL Datasheet HTML 4Page - IC-Haus GmbH IC-DL Datasheet HTML 5Page - IC-Haus GmbH IC-DL Datasheet HTML 6Page - IC-Haus GmbH IC-DL Datasheet HTML 7Page - IC-Haus GmbH IC-DL Datasheet HTML 8Page - IC-Haus GmbH IC-DL Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
iC-DL
3-CHANNEL DIFFERENTIAL LINE DRIVER
Rev C1, Page 4/10
ABSOLUTE MAXIMUM RATINGS
Beyond these values damage may occur; device operation is not guaranteed. Absolute Maximum Ratings are no Operating Conditions.
Integrated circuits with system interfaces, e.g. via cable accessible pins (I/O pins, line drivers) are per principle endangered by injected
interferences, which may compromise the function or durability. The robustness of the devices has to be verified by the user during system
development with regards to applying standards and ensured where necessary by additional protective circuitry. By the manufacturer
suggested protective circuitry is for information only and given without responsibility and has to be verified within the actual system with
respect to actual interferences.
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Max.
G001 VCC
Supply Voltage
0
7
V
G002 VBx
Driver Supply Voltage VB1, VB2, VB3 pulse tested
0
40
V
G003 V()
Voltage at E1...6, A1...6, DIFF, ENA,
TNER
0
36
V
G004 I(Ax)
Driver Output Current (x=1...6)
-800
800
mA
G005 I(Ex)
Input Current Driver E1...E6, Diff, ENA,
TNER
-4
4
mA
G006 V(NER)
Voltage at NER
pulse tested
0
36
V
G007 I(NER)
Current in NER
-4
25
mA
G008 V()
ESD Suceptibility at all pins
HBM 100 pF discharged through 1.5 k Ω
2
kV
G009 Tj
Operating Junction Temperature
-40
140
°C
G010 Ts
Storage Temperature Range
-40
150
°C
THERMAL DATA
Operating Conditions: VB = 4...32 V, VCC = 4...5.5 V
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
T01 Ta
Operating Ambient Temperature Range
(extended range to -40°C on request)
-25
125
°C
T02 Rthja
Thermal Resistance Chip to Ambient
surface mounted, thermal pad soldered to
approx. 2 cm² heat sink
40
K/W
All voltages are referenced to ground unless otherwise stated.
All currents flowing into the device pins are positive; all currents flowing out of the device pins are negative.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com