Electronic Components Datasheet Search
  English  ▼

X  

XC9302 Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC9302
Description  PWM, PWM/PFM Switching Step-Up & Down DC/DC Converter Controller ICs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9302 Datasheet(HTML) 1 Page - Torex Semiconductor

  XC9302 Datasheet HTML 1Page - Torex Semiconductor XC9302 Datasheet HTML 2Page - Torex Semiconductor XC9302 Datasheet HTML 3Page - Torex Semiconductor XC9302 Datasheet HTML 4Page - Torex Semiconductor XC9302 Datasheet HTML 5Page - Torex Semiconductor XC9302 Datasheet HTML 6Page - Torex Semiconductor XC9302 Datasheet HTML 7Page - Torex Semiconductor XC9302 Datasheet HTML 8Page - Torex Semiconductor XC9302 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
PWM, PWM/PFM Switching Step-Up & Down DC/DC Converter Controller ICs
Series
597
6
The XC9301/02 series are step-up/down DC/DC converter controller ICs
with fast, low ON resistance drivers built-in. A versatile, large output
current, step-up/down DC/DC converter can be realised using only 4
basic external components - transistors, coils, diodes and capacitors.
Output voltage is selectable in 0.1V steps within a 2.4V ~ 6.0V ( ± 2.5%
accuracy) range and switching frequency is set at 180kHz or 300KHz.
The XC9302 series switches from PWM to PFM control during light loads
and the series offers high efficiencies from light loads through to large
output currents.
Soft-start time is internally set to 10 msec which offers protection against
rush currents when the power is switched on and also against voltage
overshoot.
During shutdown (CE pin = L), consumption current can be reduced to
as little as 0.5
µA or less.
Input Voltage Range
: 2.0V ~ 10V
Output Voltage Range : 2.4V ~ 6.0V ( ± 2.5% accuracy)
(selectable in 0.1V steps)
Oscillation Frequency : 180KHz, 300KHz ( ± 15% accuracy)
Output Current
: more than 250mA (VIN=2.4V,
VOUT=3.3V)
Efficiency
: 81% (typ) at 5.0V, 78% (typ) at 3.3V
Stand-By
: ISTB = 0.5
µA (max)
Output Voltage Internal Set-Up
SOT-25 Package
GMobile phones
GPDAs
GPalmtop computers
GPortable audio equipment
GVarious power supplies
■Features
■Applications
NInput Voltage Range : 2.0V ~10.0V
NOutput Voltage Range : 2.4V ~ 6.0V (±2.5% accuracy)
NOscillation Frequency Range
: 180kHz, 300kHz (±15% accuracy)
NMaximum Duty Ratio : 85% (typ)
NPWM/PFM Switching Step-Up & Down Control (XC9302)
NEfficiency
: 81% (typ) 5.0V , 78% (typ) 3.3V
NSOT-25 Package
CE
CL
SD1
VOUT
VIN
CIN
SD2
PSW
NSW
L
■Typical Application Circuit
■Typical Performance Characteristic
0
20
40
60
80
100
0. 1
1
10
100
1000
VIN=2V
6V
4V
Output Current:IOUT(mA)
■General Description
06S_15XC9301/02新規 02.9.12 3:28 PM ページ 597


Similar Part No. - XC9302

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9301 TOREX-XC9301 Datasheet
706Kb / 13P
PWM,PWM/PFM Switching Step-Up & Down DC/DC Converter Controller ICs
XC9301 TOREX-XC9301_1 Datasheet
706Kb / 13P
PWM,PWM/PFM Switching Step-Up & Down DC/DC Converter Controller ICs
XC9303 TOREX-XC9303 Datasheet
244Kb / 18P
Step-Up & Down DC / DC Controller ICs
XC9303 TOREX-XC9303 Datasheet
908Kb / 20P
High Efficiency, Synchronous Step-Up & Down DC / DC Controller ICs
XC9303B03KL TOREX-XC9303B03KL Datasheet
244Kb / 18P
Step-Up & Down DC / DC Controller ICs
More results

Similar Description - XC9302

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC105 MICROCHIP-TC105 Datasheet
433Kb / 14P
PFM/PWM Step-Down DC/DC Controller
2002
TC110 MICROCHIP-TC110 Datasheet
464Kb / 16P
PFM/PWM Step-Up DC/DC Controller
2002
TC115 MICROCHIP-TC115 Datasheet
355Kb / 14P
PFM/PWM Step-Up DC/DC Converter
2003
logo
Gamma Microelectronics ...
GM3326 GAMMA-GM3326 Datasheet
222Kb / 7P
PWM,PWM/PFM SWITCHING STEP-UP & DOWN DC/DC CONVERTER CONTROLLER ICS
logo
Microchip Technology
TC110 MICROCHIP-TC110 Datasheet
465Kb / 16P
PFM/PWM Step-Up DC/DC Controller
2002
logo
Torex Semiconductor
XC9301 TOREX-XC9301_1 Datasheet
706Kb / 13P
PWM,PWM/PFM Switching Step-Up & Down DC/DC Converter Controller ICs
logo
Unisonic Technologies
UC3550 UTC-UC3550_10 Datasheet
368Kb / 10P
PWM CONTROLLED,PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
logo
SHANGHAI BELLING CO., L...
BL8523 BELLING-BL8523 Datasheet
525Kb / 5P
PWM/PFM Step-down DC-DC Controller
logo
Microchip Technology
TC105 MICROCHIP-TC105_13 Datasheet
197Kb / 14P
PFM/PWM Step-Down DC/DC Controller
2001-2012 10/26/12
TC115 MICROCHIP-TC115_13 Datasheet
232Kb / 14P
PFM/PWM Step-Up DC/DC Converter
10/26/12 2002-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com