Electronic Components Datasheet Search
  English  ▼

X  

XC9302 Datasheet(PDF) 10 Page - Torex Semiconductor

Part # XC9302
Description  PWM, PWM/PFM Switching Step-Up & Down DC/DC Converter Controller ICs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9302 Datasheet(HTML) 10 Page - Torex Semiconductor

Back Button XC9302 Datasheet HTML 4Page - Torex Semiconductor XC9302 Datasheet HTML 5Page - Torex Semiconductor XC9302 Datasheet HTML 6Page - Torex Semiconductor XC9302 Datasheet HTML 7Page - Torex Semiconductor XC9302 Datasheet HTML 8Page - Torex Semiconductor XC9302 Datasheet HTML 9Page - Torex Semiconductor XC9302 Datasheet HTML 10Page - Torex Semiconductor XC9302 Datasheet HTML 11Page - Torex Semiconductor XC9302 Datasheet HTML 12Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
XC9301/9302
Series
606
6
(4) LOAD TRANSIENT RESPONSE (Topr=25°C)
VIN=3.0V
VOUT
IOUT
100mA
0.1mA
VIN=3.0V
VOUT
IOUT
100mA
0.1mA
External Components
PSW : XP162A12A6PR
CL
: 47
µF (Tantalum F93) ×2
NSW : XP161A1265PR
CIN
: 220
µF (Al. Electrolytic PJ type)
SD
: U2FWJ44N
×2RDD
: 10
Ω
L
: 22
µH (CR54)
CDD
: 22
µF (Tantalum)
VCE=VIN
06S_15XC9301/02新規 02.9.12 3:28 PM ページ 606



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com