Electronic Components Datasheet Search
  English  ▼

X  

SSM0420S Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SSM0420S
Description  N-Channel Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSM0420S Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSM0420S Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSM0420S Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSM0420S Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSM0420S Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Elektronische Bauelemente
SSM0420S
2.05A, 200V, RDS(O ) 360m
-Channel Enhancement Mode Power MOSFET
02-Sep-2016 Rev. A
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A Suffix of “-C” specifies halogen & lead-free
DESCRIPTION
SSM0420S is the highest performance trench N-ch
MOSFETs with extreme high cell density, which provides
excellent RDS(ON) and gate charge for most synchronous
buck converter applications.
FEATURES
Advanced high cell density Trench technology
Super low gate charge
Green device available
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Rating
Unit
Drain-Source Voltage
VDS
200
V
Gate-Source Voltage
VGS
±20
V
TA=25°C
2.05
A
Continuous Drain Current@ VGS=10V
1
TA=70°C
ID
1.34
A
Pulsed Drain Current
2
IDM
5.5
A
Total Power Dissipation@ TA=25°C
1
PD
1.5
W
Maximum Thermal Resistance from Junction to Ambient
1
85
Maximum Thermal Resistance from Junction to Ambient
RθJA
120
°C / W
Maximum Thermal Resistance from Junction to Case
1
RθJC
36
°C / W
Operating Junction and Storage Temperature Range
TJ, TSTG
-65~150
°C
Gate
Source
Drain
Top View
1
2
3
4
A
M
B
D
L
K
F
G
H
J
E
C
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
5.90
6.70
G
-
0.18
B
6.70
7.30
H
2.00 REF.
C
3.30
3.80
J
0.20
0.40
D
1.42
1.90
K
1.10 REF.
E
4.45
4.75
L
2.30 REF.
F
0.60
0.85
M
2.80
3.20
SOT-223


Similar Part No. - SSM0420S

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSM0420S-C SECOS-SSM0420S-C Datasheet
488Kb / 4P
N-Channel Enhancement Mode Power MOSFET
More results

Similar Description - SSM0420S

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com