Electronic Components Datasheet Search
  English  ▼

X  

SSM0420S Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSM0420S
Description  N-Channel Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSM0420S Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSM0420S Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSM0420S Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSM0420S Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSM0420S Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Elektronische Bauelemente
SSM0420S
2.05A, 200V, RDS(O ) 360m
-Channel Enhancement Mode Power MOSFET
02-Sep-2016 Rev. A
Page 2 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (T
J=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test condition
Drain-Source Breakdown Voltage
BVDSS
200
-
-
V
VGS=0, ID=250µA
Gate Threshold Voltage
VGS(TH)
2
-
4
V
VDS=VGS, ID =250µA
Forward Transfer conductance
gFS
-
3.2
-
S
VDS=15V, ID=2A
Gate-Source Leakage Current
IGSS
-
-
±100
nA
VGS=±20V
-
-
1
VDS=160V, VGS=0, TJ=25°C
Drain-Source Leakage Current
IDSS
-
-
25
µA
VDS=160V, VGS=0, TJ=125°C
Static Drain-Source On-Resistance
3
RDS(ON)
-
-
360
m
VGS=10V, ID=2A
Total Gate Charge
Qg
-
10.2
-
Gate-Source Charge
Qgs
-
2.2
-
Gate-Drain (“Miller”) Charge
Qgd
-
3.8
-
nC
VDS=160V
VGS=10V
ID=2A
Turn-on Delay Time
Td(on)
-
8.8
-
Rise Time
Tr
-
17
-
Turn-off Delay Time
Td(off)
-
21.2
-
Fall Time
Tf
-
20.4
-
nS
VDD=100V
VGS=10V
ID=2A
RG=25
Input Capacitance
Ciss
-
373
-
Output Capacitance
Coss
-
46
-
Reverse Transfer Capacitance
Crss
-
20
-
pF
VDS=25V
VGS=0
f=1MHz
Source-Drain Diode
Forward On Voltage
3
VSD
-
-
1.2
V
IS=2A, VGS=0, TJ=25°C
Continuous Source Current
1
IS
-
-
2.05
A
VG=VD=0V, Force Current
Pulsed Source Current
2
ISM
-
-
5.5
A
VG=VD=0V, Force Current
Reverse Recovery Time
Trr
-
54
-
ns
IF=2A, dI/dt=100A/us, TJ=25°C
Reverse Recovery Charge
Qrr
-
105
-
nC
IF=2A, dI/dt=100A/us, TJ=25°C
Notes:
1.
Surface mounted on a 1 inch
2 FR-4 board with 2OZ copper pad.
2.
The power dissipation is limited by 150°C junction temperature.
3.
The data is tested by pulse: Pulse width
3
≦ 00µs, duty cycle 2%
≦
.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com