Electronic Components Datasheet Search
  English  ▼

X  

CRS545 Datasheet(PDF) 2 Page - Chip Integration Technology Corporation

Part # CRS545
Description  5A Lead Type Low Barrier Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

CRS545 Datasheet(HTML) 2 Page - Chip Integration Technology Corporation

  CRS545 Datasheet HTML 1Page - Chip Integration Technology Corporation CRS545 Datasheet HTML 2Page - Chip Integration Technology Corporation CRS545 Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
■ Rating and characteristic curves
Fig.1 - Forward Current Derating Curve
O
Case Temperature,T ( C)
C
25
50
75
100
125
150
175
6
4
2
0
Fig. 3 - Reverse Characteristics
5A Lead Type Low Barrier Diode
CRS545
Fig. 2 - Instantaneous Forward Characteristics
Instantaneous Forward Voltage,V (Volts)
F
Reverse Voltage,V (V)
R
O
TA=100 C
O
TA=125 C
O
TA=75 C
O
TA=50 C
O
TA=25 C
O
TA=125 C
O
TA=100 C
O
TA=75 C
O
TA=50 C
O
TA=25 C
100
10
1
0.1
0.01
0
0.1
0.1
0.3
0.4
0.5
0.6
0
10
20
30
40
50
100
10
1
0.1
0.01
Document ID : DS-11KGT
Revised Date : 2015/05/21
Revision : C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com