Electronic Components Datasheet Search
  English  ▼

X  

CRS545 Datasheet(PDF) 1 Page - Chip Integration Technology Corporation

Part # CRS545
Description  5A Lead Type Low Barrier Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

CRS545 Datasheet(HTML) 1 Page - Chip Integration Technology Corporation

  CRS545 Datasheet HTML 1Page - Chip Integration Technology Corporation CRS545 Datasheet HTML 2Page - Chip Integration Technology Corporation CRS545 Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Dimensions in inches and (millimeters)
■ Features
■ Mechanical data
■ Maximum ratings and electrical characteristics
O
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
■ Outline
Axial lead type devices for through hole design.
•
Low forward voltage drop.
•
Excellent high temperature stability.
•
Fast switching capability.
•
Suffix "G" indicates Halogen-free part, ex.CRS545G
•
Lead-free parts meet environmental standards of
•
MIL-STD-19500 /228
5A Lead Type Low Barrier Diode
Forward rectified current
Forward surge current
Thermal resistance
Operating and Storage temperature
Parameter
Marking code
DC blocking voltage
Working peak reverse voltage
Peak repetitive reverse voltage
• Epoxy:UL94-V0 rated flame retardant
• Case : Molded plastic, DO-201AD / DO-27
• Lead : Axial leads, solderable per MIL-STD-202,
Method 208 guranteed
• Polarity : Color band denotes cathode end
• Weight : Approximated 1.10 gram
DO-27(DO-201AD)
Marking code
1.0 (25.4) MIN.
1.0 (25.4) MIN.
.375 (9.6)
.285 (7.2)
.052 (1.3)
.048 (1.2)
DIA.
.220 (5.6)
.197 (4.8)
DIA.
Peak repetitive reverse surge current
I
O
I
F S M
T , T
J
S T G
8.3ms single half sine-wave superimposed on
rate load (JEDEC method)
Conditions
Symbol
CRS545
UNIT
-65 ~ +150
5
120
A
A
O C/W
O C
22
R
θ J C
Junction to case
CRS545
V
R M
V
RW M
V
R R M
45
V
I
R R M
A
2us - 1kHz
2
Forward voltage drop
Reverse current
Parameter
V
F
I
R
O
V
= V
T = 25 C
R
R R M
J
O
V
= V
T = 125 C
R
R R M
J
Conditions
Symbol
TYP.
UNIT
100
0.5
mV
mA
MIN.
MAX.
O
I = 5A, T = 25 C
F
J
O
I = 5A, T = 125 C
F
J
380
440
CRS545
Document ID : DS-11KGT
Revised Date : 2015/05/21
Revision : C
O
I = 2A, T = 25 C
F
J
390
340


Similar Part No. - CRS545

ManufacturerPart #DatasheetDescription
logo
HOKURIKU ELECTRIC INDUS...
CRS50 HOKURIKU-CRS50 Datasheet
267Kb / 2P
Sulfurization-proof Chip Resistor
logo
VITROHM
CRS500 VITROHM-CRS500 Datasheet
731Kb / 4P
Precision Wirewound Resistors
Revision: 202201
logo
Power-One
CRS505 POWER-ONE-CRS505 Datasheet
45Kb / 2P
1/2 WATT
CRS512 POWER-ONE-CRS512 Datasheet
45Kb / 2P
1/2 WATT
CRS515 POWER-ONE-CRS515 Datasheet
45Kb / 2P
1/2 WATT
More results

Similar Description - CRS545

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
B30A45VC KEC-B30A45VC Datasheet
37Kb / 2P
SCHOTTKY BARRIER TYPE DIODE (LOW VF TYPE)
logo
Shenzhen Luguang Electr...
SR5100L LUGUANG-SR5100L Datasheet
1Mb / 2P
5A Lead Type Low Barrier Diode
logo
Chip Integration Techno...
CL545A CITC-CL545A Datasheet
470Kb / 3P
5A Surface Mount Low Barrier Diode
CL545B CITC-CL545B Datasheet
457Kb / 3P
5A Surface Mount Low Barrier Diode
CRL545 CITC-CRL545 Datasheet
455Kb / 3P
5A Lead Type Trench Schottky Rectifier
CRL5100 CITC-CRL5100 Datasheet
454Kb / 3P
5A Lead Type Low Barrier Diode
CSL545B-A CITC-CSL545B-A Datasheet
457Kb / 3P
5A Surface Mount Low Barrier Diode
CSL5100B-A CITC-CSL5100B-A Datasheet
469Kb / 3P
5A Surface Mount Low Barrier Diode
CSP545S-A CITC-CSP545S-A Datasheet
464Kb / 3P
5A Surface Mount Low Barrier Diode
CSS560B-A CITC-CSS560B-A Datasheet
458Kb / 3P
5A Surface Mount Super Low Barrier Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com