Electronic Components Datasheet Search
  English  ▼

X  

AWB51D7 Datasheet(PDF) 2 Page - Advanced Semiconductor Business Inc.

Part # AWB51D7
Description  1.2 GHz CATV Push-pull Amplifier MMIC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

AWB51D7 Datasheet(HTML) 2 Page - Advanced Semiconductor Business Inc.

  AWB51D7 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. AWB51D7 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. AWB51D7 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. AWB51D7 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. AWB51D7 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. AWB51D7 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. AWB51D7 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. AWB51D7 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. AWB51D7 Datasheet HTML 9Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2/9
ASB Inc.
 sales@asb.co.kr
February 2017
AWB51D7
2. Summary on Product Performances
2.1
Typical Performance
Supply voltage = +8 V, TA = +25
C, ZO = 75 
Parameter
Typical
Unit
Frequency
50
500
1000
1200
MHz
Gain
18.1
18.2
18.9
19.6
dB
S11
-21
-18
-22
-18.5
dB
S22
-21
-16.5
-22
-16.5
dB
Noise Figure
2.5
2.2
2.4
2.4
dB
CSO1)
71
dBc
CTB1)
63
dBc
Current
340
mA
Device Voltage
+8
V
1) CSO & CTB measured at Pout = 103 dB
V flat for NTSC 79 channels + QAM 256 75 channels, -6 dB offset.
2.2
Product Specification
Supply voltage = +8 V, TA = +25
C, ZO = 75 
Parameter
Min
Typ
Max
Unit
Frequency
500
MHz
Gain
18.2
dB
S11
-18
dB
S22
-16.5
dB
Noise Figure
2.2
dB
Current
340
mA
Device Voltage
+8
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com