Electronic Components Datasheet Search
  English  ▼

X  

AWB51D7 Datasheet(PDF) 8 Page - Advanced Semiconductor Business Inc.

Part # AWB51D7
Description  1.2 GHz CATV Push-pull Amplifier MMIC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

AWB51D7 Datasheet(HTML) 8 Page - Advanced Semiconductor Business Inc.

  AWB51D7 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. AWB51D7 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. AWB51D7 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. AWB51D7 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. AWB51D7 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. AWB51D7 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. AWB51D7 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. AWB51D7 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. AWB51D7 Datasheet HTML 9Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8/9
ASB Inc.
 sales@asb.co.kr
February 2017
AWB51D7
5. Package Outline (TSSOP24)
6. Surface Mount Recommendation (In mm)
Symbols
Dimensions (In mm)
MIN
NOM
MAX
A
---
---
1.15
A1
0.00
----
0.10
A2
0.80
1.00
1.05
b
0.19
---
0.30
C
0.09
---
0.20
D
7.70
7.80
7.90
D1
4.086
4.286
4.486
E
6.20
6.40
6.60
E1
4.30
4.40
4.50
E2
2.55
2.75
2.95
e
---
0.65
---
L
0.45
0.60
0.75
y
---
---
0.10
0
---
8
L1-L1
---
---
0.12
L1
1.00REF
Lot No.
Part No.
0.76
2.20
0.34
1.55
3.42
NOTE
1. Add as much copper as possible to inner and outer
layers near the part to ensure optimal thermal
performance.
2. To ensure reliable operation, device ground
paddle-to-ground pad soldering is critical.
3. Add mounting screws near the part to fasten the
board to a heat sinker. Ensure that the ground &
thermal via region contacts the heat sinker.
4. A proper heat dissipation path underneath the area
of the PCB for the mounted device is strictly
required for proper thermal operation. Damage to
the device can result from inappropriate heat
dissipation.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com