Electronic Components Datasheet Search
  English  ▼

X  

IC-LSC Datasheet(PDF) 2 Page - IC-Haus GmbH

Part # IC-LSC
Description  12-CHANNEL ACTIVE PHOTOSENSOR ARRAY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-LSC Datasheet(HTML) 2 Page - IC-Haus GmbH

  IC-LSC Datasheet HTML 1Page - IC-Haus GmbH IC-LSC Datasheet HTML 2Page - IC-Haus GmbH IC-LSC Datasheet HTML 3Page - IC-Haus GmbH IC-LSC Datasheet HTML 4Page - IC-Haus GmbH IC-LSC Datasheet HTML 5Page - IC-Haus GmbH IC-LSC Datasheet HTML 6Page - IC-Haus GmbH IC-LSC Datasheet HTML 7Page - IC-Haus GmbH IC-LSC Datasheet HTML 8Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
iC-LSC
12-CHANNEL ACTIVE PHOTOSENSOR ARRAY
Rev C3, Page 2/8
DESCRIPTION
The iC-LSC sensor array, coming with 12 indepen-
dent channels, is a general purpose optoelectronic
scanner made to suit a variety of encoding applica-
tions, such as rotary and linear encoders used for
motion control, robotics, brushless DC motor com-
mutation, power tools etc.
The sensor array features monolithically integrated
photosensors with active areas of 800 µm x 300 µm
each in combination with fast on-chip photocurrent
amplifiers, enabling an analog output at reasonable
signal strength to the circuit board.
The highside current source output construction
avoids a ground referenced signal and permits the
subsequent electronics to adjust the gain. In its sim-
plest form this is done by load resistors, for instance.
The spectral sensitivity range includes visible to near
infrared light, with the maximum sensitivity being
close to a wavelength of 700 nm.
Output currents of up to 50 µA are supplied under low
light conditions, for instance when illuminated at only
3 µW/mm2 by an 850 nm LED. The photocurrent gain
is 46 dB typically.
PACKAGING INFORMATION
PAD LAYOUT
Chip size 2.80 mm x 2.76 mm
PAD FUNCTIONS
No. Name Function
1 VCC
+4...5.5 V Supply Voltage
2 A1
Highside Current Source Output
3 B1
Highside Current Source Output
4 C1
Highside Current Source Output
5 D1
Highside Current Source Output
6 E1
Highside Current Source Output
7 F1
Highside Current Source Output
8 F2
Highside Current Source Output
9 E2
Highside Current Source Output
10 D2
Highside Current Source Output
11 C2
Highside Current Source Output
12 B2
Highside Current Source Output
13 A2
Highside Current Source Output
14 GND
Ground



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com