Electronic Components Datasheet Search
  English  ▼

X  

AD5161 Datasheet(PDF) 18 Page - Analog Devices

Part # AD5161
Description  256-Position SPI/I2C Selectable Digital Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5161 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD5161 Datasheet HTML 12Page - Analog Devices AD5161 Datasheet HTML 13Page - Analog Devices AD5161 Datasheet HTML 14Page - Analog Devices AD5161 Datasheet HTML 15Page - Analog Devices AD5161 Datasheet HTML 16Page - Analog Devices AD5161 Datasheet HTML 17Page - Analog Devices AD5161 Datasheet HTML 18Page - Analog Devices AD5161 Datasheet HTML 19Page - Analog Devices AD5161 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
AD5161
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
PIN CONFIGURATION
1
2
3
4
5
10
9
8
7
6
A
B
CS/ADO
SDO/NC
SDI/SDA
DD
AD5161
TOP VIEW
(Not to Scale)
W
V
DIS
GND
CLK/SCL
Figure 49.
PIN FUNCTION DESCRIPTIONS
Table 10.
Pin
Name
Description
1
A
A Terminal.
2
B
B Terminal.
3
CS/AD0
CS: Chip Select Input, Active Low. When CS
returns high, data will be loaded into the DAC
register.
AD0: Programmable address bit 0 for multiple
package decoding.
4
SDO/NC
SDO: Serial Data Output. Open-drain transistor
requires pull-up resistor.
NC: No Connect.
5
SDI/SDA
SDI: Serial Data Input.
SDA: Serial Data Input/Output.
6
CLK/SCL
Serial Clock Input. Positive edge triggered.
7
GND
Digital Ground.
8
DIS
Digital Interface Select (SPI/I2C Select).
SPI when DIS = 0, I2C when DIS = 1.
9
VDD
Positive Power Supply.
10
W
W Terminal.
Rev. 0 | Page 18 of 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com