Electronic Components Datasheet Search
  English  ▼

X  

AD5161 Datasheet(PDF) 19 Page - Analog Devices

Part # AD5161
Description  256-Position SPI/I2C Selectable Digital Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5161 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD5161 Datasheet HTML 12Page - Analog Devices AD5161 Datasheet HTML 13Page - Analog Devices AD5161 Datasheet HTML 14Page - Analog Devices AD5161 Datasheet HTML 15Page - Analog Devices AD5161 Datasheet HTML 16Page - Analog Devices AD5161 Datasheet HTML 17Page - Analog Devices AD5161 Datasheet HTML 18Page - Analog Devices AD5161 Datasheet HTML 19Page - Analog Devices AD5161 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
AD5161
OUTLINE DIMENSIONS
0.23
0.20
0.17
0.80
0.40
8°
0°
0.15
0.00
0.27
0.17
0.95
0.85
0.75
SEATING
PLANE
1.10 MAX
10
6
5
1
0.50 BSC
3.00 BSC
3.00 BSC
4.90 BSC
PIN 1
COMPLIANT TO JEDEC STANDARDS MO-187BA
COPLANARITY
0.10
Figure 50. 10-Lead Mini Small Outline Package [MSOP]
(RM-10)
Dimensions shown in millimeters
ORDERING GUIDE
Model
RAB (Ω)
Temperature
Package Description
Package Option
Branding
AD5161BRM5
5k
–40°C to +125°C
MSOP-10
RM-10
D0C
AD5161BRM5-RL7
5k
–40°C to +125°C
MSOP-10
RM-10
D0C
AD5161BRM10
10k
–40°C to +125°C
MSOP-10
RM-10
D0D
AD5161BRM10-RL7
10k
–40°C to +125°C
MSOP-10
RM-10
D0D
AD5161BRM50
50k
–40°C to +125°C
MSOP-10
RM-10
D0E
AD5161BRM50-RL7
50k
–40°C to +125°C
MSOP-10
RM-10
D0E
AD5161BRM100
100k
–40°C to +125°C
MSOP-10
RM-10
D0F
AD5161BRM100-RL7
100k
–40°C to +125°C
MSOP-10
RM-10
D0F
AD5161EVAL
See Note 1
Evaluation Board
1The evaluation board is shipped with the 10 kΩ RAB resistor option; however, the board is compatible with all available resistor value options.
The AD5161 contains 2532 transistors. Die size: 30.7 mil × 76.8 mil = 2358 sq. mil.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the
human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.
Rev. 0 | Page 19 of 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com